Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF3501 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # PF3501
Description  35A 1/2??PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

PF3501 Datasheet(HTML) 2 Page - Won-Top Electronics

  PF3501 Datasheet HTML 1Page - Won-Top Electronics PF3501 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: April, 2012
PF3500 – PF3506
WON-TOP ELECTRONICS
®
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
PF3500
DO-21 Press-Fit
120 Units/Box
PF3501
DO-21 Press-Fit
120 Units/Box
PF3502
DO-21 Press-Fit
120 Units/Box
PF3503
DO-21 Press-Fit
120 Units/Box
PF3504
DO-21 Press-Fit
120 Units/Box
PF3505
DO-21 Press-Fit
120 Units/Box
PF3506
DO-21 Press-Fit
120 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, PF3500-LF.
WON-TOP ELECTRONICS and
are registered trademarks of Won-Top Electronics Co., Ltd (WTE). WTE has checked all information carefully and
believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the
purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein
without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road,
Chine Chen Dist., Kaohsiung 806, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - PF3501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF3501 WTE-PF3501 Datasheet
23Kb / 2P
   35A 1/2 PRESS-FIT DIODE
PF3501 WTE-PF3501 Datasheet
30Kb / 2P
   35A 1/2" PRESS-FIT DIODE
More results

Similar Description - PF3501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF3500 WTE-PF3500 Datasheet
23Kb / 2P
   35A 1/2 PRESS-FIT DIODE
PF3500 WTE-PF3500_06 Datasheet
30Kb / 2P
   35A 1/2" PRESS-FIT DIODE
PF3520 WTE-PF3520_14 Datasheet
32Kb / 2P
   35A AVALANCHE 1/2??PRESS-FIT DIODE
PF3520 WTE-PF3520 Datasheet
29Kb / 2P
   35A AVALANCHE 1/2 PRESS-FIT DIODE
PFW3500 WTE-PFW3500_06 Datasheet
33Kb / 2P
   35A 1/2 WASHER LEAD PRESS-FIT DIODE
PFS3500 WTE-PFS3500 Datasheet
32Kb / 2P
   35A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFW3500 WTE-PFW3500 Datasheet
26Kb / 2P
   35A 1/2 FLAG LEAD PRESS-FIT DIODE
PFW3520 WTE-PFW3520 Datasheet
32Kb / 2P
   35A AVALANCHE 1/2 WASHER LEAD PRESS-FIT DIODE
logo
Naina Semiconductor ltd...
NP3502 NAINA-NP3502 Datasheet
136Kb / 2P
   Press Fit Diode, 35A
NP3502R NAINA-NP3502R Datasheet
136Kb / 2P
   Press Fit Diode, 35A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com