Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA33-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMA33-1
Description  2 TO 2400 MHz CASCADABLE AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA33-1 Datasheet(HTML) 1 Page - Tyco Electronics

  SMA33-1 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· ULTRAWIDE BANDWIDTH: 1-2600 MHz (TYP.)
· MEDIUM OUTPUT LEVEL: +6 dBm (TYP.)
A33-1/SMA33-1
2 TO 2400 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 1/01)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
0.0-2.6 GHz
9.0 dB
±0.4 dB
15 dB
4.0 dB
6.0 dBm
+19 dBm
+29 dBm
+35 dBm
1.6:1 / 1.4:1
19 mA
0.0-2.4 GHz
8.2 dB
±0.6 dB
4.0 dBm
5.0 dB
4.5 dBm
2.0:1 / 2.0:1
23 mA
1.9:1 / 1.8:1
21 mA
0.0-2.4 GHz
7.8 dB
±0.8 dB
5.5 dB
-62° to +125°C
125°C
+20 Volts
+13 dBm
50 mW
0.5 W
125°C
160°C/W
0.124 W
20°C
A33-1
SMA33-1
CA33-1


Similar Part No. - SMA33-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA33-1 MACOM-SMA33-1 Datasheet
382Kb / 2P
   Cascadable Amplifier 2 to 2400 MHz
logo
M/A-COM Technology Solu...
SMA33-1 MA-COM-SMA33-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 2400 MHz
More results

Similar Description - SMA33-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SMA33-1 MA-COM-SMA33-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 2400 MHz
SMA35-1 MA-COM-SMA35-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 2400 MHz
logo
Tyco Electronics
A33-1 MACOM-A33-1_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 2 to 2400 MHz
A35-1 MACOM-A35-1 Datasheet
357Kb / 2P
   Cascadable Amplifier 2 to 2400 MHz
logo
Teledyne Technologies I...
AC2426 TELEDYNE-AC2426 Datasheet
160Kb / 2P
   10 TO 2400 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A25-1 MACOM-A25-1 Datasheet
107Kb / 1P
   2 TO 1500 MHz CASCADABLE AMPLIFIER
A25-1 MACOM-A25-1_1 Datasheet
364Kb / 2P
   Cascadable Amplifier 2 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA25-1 MA-COM-SMA25-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 1500 MHz
logo
Teledyne Technologies I...
UTOUTC0515 TELEDYNE-UTOUTC0515 Datasheet
303Kb / 6P
   Thin-Film Cascadable Amplifier 2 to 500 MHz
UTOUTC2024 TELEDYNE-UTOUTC2024 Datasheet
183Kb / 6P
   Thin-Film Cascadable Amplifier 2 to 2000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com