Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA75-3 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMA75-3
Description  10 TO 500 MHz CASCADABLE AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA75-3 Datasheet(HTML) 1 Page - Tyco Electronics

  SMA75-3 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· HIGH GAIN: 20.5 dB (TYP.)
· LOW NOISE: 1.7 dB (TYP.)
A75-3/SMA75-3
10 TO 500 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 11/00)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
1-600 MHz
20.5 dB
±0.2 dB
25 dB
1.7 dB
3.0 dBm
+16 dBm
+15 dBm
+21 dBm
1.5:1 / 1.5:1
14 mA
10-500 MHz
19.5 dB
±0.5 dB
1.5 dBm
2.3 dB
2.0 dBm
2.0:1 / 2.0:1
18 mA
1.8:1 / 1.8:1
16 mA
10-500 MHz
19.0 dB
±0.7 dB
2.8 dB
-62° to +125°C
125°C
+21 Volts
+13 dBm
50 mW
0.5 W
125°C
170°C/W
0.099 W
17°C
A75-3
SMA75-3
CA75-3


Similar Part No. - SMA75-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA75-3 MACOM-SMA75-3 Datasheet
372Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
SMA75-3 MA-COM-SMA75-3 Datasheet
631Kb / 3P
   Cascadable Amplifier
More results

Similar Description - SMA75-3

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
Tyco Electronics
A53 MACOM-A53 Datasheet
354Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A513 MA-COM-A513 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
Tyco Electronics
A515 MACOM-A515 Datasheet
405Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
RA76 MACOM-RA76 Datasheet
484Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
A57 MACOM-A57 Datasheet
108Kb / 1P
   10 TO 500 MHz CASCADABLE AMPLIFIER
SMLA88 MACOM-SMLA88 Datasheet
396Kb / 3P
   Cascadable Amplifier 10 to 500 MHz
A83 MACOM-A83 Datasheet
354Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
A511 MACOM-A511 Datasheet
355Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A515 MA-COM-A515_15 Datasheet
713Kb / 3P
   Cascadable Amplifier 10 to 500 MHz
A57 MA-COM-A57 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com