Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB1N-940D-02 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SMB1N-940D-02
Description  infrared high power led
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMB1N-940D-02 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMB1N-940D-02 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMB1N-940D-02 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMB1N-940D-02 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMB1N-940D-02 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.roithner-laser.com
1
SMB1N-940D-02
v 1.0 15.05.2014
Description
SMB1N-940D-02 is a surface mount AlGaAs High Power LED with a typical peak wavelength of 940 nm
and radiation of 630 mW. It comes in SMD package (PA9T) with silver plated soldering pads (lead free
solderable), copper heat sink, and molded with silicone resin.
Maximum Ratings (T
CASE=25°C)
Parameter
Symbol
Values
Min.
Max.
Unit
Power Dissipation
PD
2000
mW
Forward Current
IF
1000
mA
Pulse Forward Current *
1
IFP
2000
mA
Reverse Voltage
VF
5
V
Thermal Resistance
RTHJA
4
K/W
Junction Temperature
TJ
120
°C
Operating Temperature
TCASE
- 40
+ 100
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Lead Solder Temperature *
2
TSLD
+ 250
°C
*
1 duty=1%, pulse width = 10 µs
*
2 must be completed within 5 seconds
Electro-Optical Characteristics (T
CASE=25°C)
*
1 measured by S3584-08
*
2 measured by Tektronix J-6512
Parameter
Symbol Conditions
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
λP
IF=1A
940
nm
Half Width
∆λ
IF=1A
40
nm
Forward Voltage
VF
IF=1A
1.4
1.8
V
VF
IF=1A
1.6
VFP
IFP=2A
1.9
Radiated Power *
1
PO
IF=1A
440
630
mW
IFP=2A
1260
Radiant Intensity *
2
IE
IF=1A
1600
mW/sr
IFP=2A
3200
Viewing Angle
φ
IF=100mA
22
deg.
Rise Time
tR
IF=1A
60
ns
Fall Time
tF
IF=1A
65
ns


Similar Part No. - SMB1N-940D-02

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SMB1N-940D ROITHNER-SMB1N-940D Datasheet
750Kb / 4P
   infrared high power led
More results

Similar Description - SMB1N-940D-02

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR38-01C EVERLIGHT-HIR38-01C Datasheet
137Kb / 7P
   High Power Infrared LED
logo
Marktech Corporate
MTE8760N5 MARKTECH-MTE8760N5 Datasheet
582Kb / 4P
   High Power Infrared LED
MTE8560P MARKTECH-MTE8560P Datasheet
535Kb / 2P
   High Power Infrared LED
logo
Roithner LaserTechnik G...
SMB1N-880 ROITHNER-SMB1N-880 Datasheet
708Kb / 4P
   infrared high power led
SMB1N-970 ROITHNER-SMB1N-970 Datasheet
746Kb / 4P
   infrared high power led
logo
Everlight Electronics C...
EAIST3535A3 EVERLIGHT-EAIST3535A3 Datasheet
560Kb / 8P
   High Power Infrared LED
EAIST3535A5 EVERLIGHT-EAIST3535A5 Datasheet
432Kb / 8P
   High Power Infrared LED
EAILP03SXAA0 EVERLIGHT-EAILP03SXAA0 Datasheet
356Kb / 6P
   High Power Infrared LED
HIR30-01C-S16 EVERLIGHT-HIR30-01C-S16_15 Datasheet
183Kb / 7P
   High Power Infrared LED
HIR30-01C EVERLIGHT-HIR30-01C Datasheet
178Kb / 7P
   High Power Infrared LED
logo
Marktech Corporate
MTE8760P MARKTECH-MTE8760P Datasheet
532Kb / 2P
   High Power Infrared LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com