Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB1N-D470 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # SMB1N-D470
Description  blue high power led
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMB1N-D470 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  SMB1N-D470 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMB1N-D470 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMB1N-D470 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMB1N-D470 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.roithner-laser.com
3
Outline Dimensions
All Dimensions in mm
Peak Wavelength vs. Ambient Temperature
Relative Spectral Emission
Radiation Characteristics
SMB1N
flat
Lead
Description
Pin a1
LED Anode
Pin c1
LED Cathode


Similar Part No. - SMB1N-D470

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SMB1N-D470-02 ROITHNER-SMB1N-D470-02 Datasheet
822Kb / 4P
   blue high power led
More results

Similar Description - SMB1N-D470

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SMB1N-D470-02 ROITHNER-SMB1N-D470-02 Datasheet
822Kb / 4P
   blue high power led
SMB1N-490H-02 ROITHNER-SMB1N-490H-02 Datasheet
1Mb / 4P
   Blue High Power led
SMB1N-D450-02 ROITHNER-SMB1N-D450-02 Datasheet
1Mb / 4P
   Blue High Power led
logo
Unisonic Technologies
PBL01NBT-C0 UTC-PBL01NBT-C0 Datasheet
274Kb / 4P
   BLUE HIGH POWER LED
logo
Roithner LaserTechnik G...
SMB1N-490-02 ROITHNER-SMB1N-490-02 Datasheet
831Kb / 4P
   blue high power led
SMB1N-D450 ROITHNER-SMB1N-D450 Datasheet
822Kb / 4P
   blue high power led
SMB1N-490 ROITHNER-SMB1N-490 Datasheet
845Kb / 5P
   blue high power led
logo
Shanghai Toplite Techno...
A-HR511B-SA-1W TOPLITE-A-HR511B-SA-1W Datasheet
127Kb / 4P
   For Blue-High Power LED Lamp
logo
List of Unclassifed Man...
SML-LX1610USBC ETC2-SML-LX1610USBC Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED 470nm blue LED.
logo
LUMEX INC.
SML-LX1610USBC LUMEX-SML-LX1610USBC Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED, 470nm BLUE LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com