Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-177 Datasheet(PDF) 1 Page - Tyco Electronics

Part # AM-177
Description  Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-177 Datasheet(HTML) 1 Page - Tyco Electronics

  AM-177 Datasheet HTML 1Page - Tyco Electronics AM-177 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
n
+22 dBm Typical High 1 dB Compression
n
+38 dBm Typical High Third Order Intercept
n
1.2:1 Typical VSWR
Description
M/A-COM’s AM-177 is a feedback amplifier with high
intercept and compression points. This amplifier is
packaged in a TO-8 package. Due to the internal power
dissipation the thermal rise should be minimized.
The
ground plane on the PC board should be configured to
remove heat from under the package. AM-177 is ideally
suited for use where a high intercept, high reliability
amplifier is required.
Cascadable Thin Film Amplifier,
12 dB Gain, 10 - 1000 MHz
TO-8-1
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max Input Power
+20 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
Electrical Specifications
2,3 T
A = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
@ +25°C
500 MHz
dB
11.5
12.0
12.5
Frequency Response
10 - 1000 MHz
dB
±0.5
Gain Variation with
Temperature
10 - 1000 MHz
dB
±0.8
1 dB Compression
Output Power
10 - 1000 MHz
dBm
+20
Noise Figure
10 - 1000 MHz
dB
8.5
Reverse Transmission
10 - 1000 MHz
dB
-16
-14
VSWR
10 - 1000 MHz
Ratio
2.0:1
Output IP2
Two-tone inputs up to 0 dBm
10 - 1000 MHz
dBm
+42
Output IP3
Two-tone inputs up to 0 dBm
10 - 1000 MHz
dBm
+30
Vbias
V
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
105
115
Power Dissipation
@ +15V Bias
mW
1575
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 1.75W must
be provided in use.
V 3.00


Similar Part No. - AM-177

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
   Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 1000 MHz
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
   Cascadable Thin Film Amplifier
logo
Tyco Electronics
AM-177PIN MACOM-AM-177PIN Datasheet
121Kb / 2P
   Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-177PIN MA-COM-AM-177PIN Datasheet
59Kb / 2P
   Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 1000 MHz
logo
Tyco Electronics
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
   Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
More results

Similar Description - AM-177

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
   Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
   Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 1000 MHz
logo
Tyco Electronics
AM-183 MACOM-AM-183 Datasheet
154Kb / 3P
   Cascadable Thin Film Amplifier 28.5 dB Gain, 10 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-183 MA-COM-AM-183 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier, 28.5 dB Gain, 10 - 1000 MHz
logo
Tyco Electronics
AM-AMC-176 MACOM-AM-AMC-176 Datasheet
222Kb / 3P
   Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-176 MA-COM-AM-176 Datasheet
83Kb / 3P
   Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
AM-182 MA-COM-AM-182 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
logo
Tyco Electronics
AM-AMC-182 MACOM-AM-AMC-182 Datasheet
219Kb / 3P
   Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
AM-176 MACOM-AM-176 Datasheet
160Kb / 3P
   Cascadable Thin Film Amplifier 13 dB Gain, 5 - 1000 MHz
AM-182 MACOM-AM-182 Datasheet
259Kb / 3P
   Cascadable Thin Film Amplifier 28 dB Gain, 5 - 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com