Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLT5078E Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLT5078E
Description  SURFACE MOUNT SILICON DUAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT5078E Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLT5078E Datasheet HTML 1Page - Central Semiconductor Corp CMLT5078E Datasheet HTML 2Page - Central Semiconductor Corp CMLT5078E Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMLT5078E NPN/PNP
CMLT5087E PNP/PNP
CMLT5088E NPN/NPN
ENHANCED SPECIFICATION
SURFACE MOUNT SILICON
DUAL TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLT5078E,
CMLT5087E, and CMLT5088E are surface mount
silicon transistors with enhanced specifications
designed for applications requiring high gain and low
noise.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
100
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
TYP
SYMBOL
TEST CONDITIONS
MIN
NPN
PNP
MAX
UNITS
ICBO
VCB=20V
50
nA
IEBO
VEB=3.0V
50
nA
BVCBO
IC=100μA
50
135
150
V
BVCEO
IC=1.0mA
50
65
105
V
BVEBO
IE=100μA
5.0
8.7
7.5
V
VCE(SAT)
IC=10mA, IB=1.0mA
45
50
100
mV
VCE(SAT)
IC=100mA, IB=10mA
110
225
400
mV
VBE(SAT)
IC=10mA, IB=1.0mA
700
700
800
mV
hFE
VCE=5.0V, IC=0.1mA
300
430
390
900
hFE
VCE=5.0V, IC=1.0mA
300
435
380
hFE
VCE=5.0V, IC=10mA
300
430
350
hFE
VCE=5.0V, IC=100mA
50
125
75
fT
VCE=5.0V, IC=500μA, f=20MHz
100
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
4.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
15
pF
hfe
VCE=5.0V, IC=1.0mA, f=1.0kHz
350
1400
NF
VCE=5.0V, IC=100μA, RS=10kΩ,
f=10Hz to 15.7kHz
3.0
dB
MARKING CODES: CMLT5078E: L78
CMLT5087E: L87
CMLT5088E: L88 or 88
Enhanced specification
♦♦Additional Enhanced specification
SOT-563 CASE
R6 (29-June 2015)
www.centr a lsemi.com


Similar Part No. - CMLT5078E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT5078E CENTRAL-CMLT5078E Datasheet
122Kb / 2P
   ENHANCED SPECIFICATION PICOmini SURFACE MOUNT SILICON DUAL TRANSISTORS
CMLT5078E CENTRAL-CMLT5078E Datasheet
525Kb / 2P
   SURFACE MOUNT SILICON DUAL TRANSISTORS
CMLT5078E CENTRAL-CMLT5078E_10 Datasheet
525Kb / 2P
   SURFACE MOUNT SILICON DUAL TRANSISTORS
More results

Similar Description - CMLT5078E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT5078E CENTRAL-CMLT5078E_10 Datasheet
525Kb / 2P
   SURFACE MOUNT SILICON DUAL TRANSISTORS
CMLT3410 CENTRAL-CMLT3410_15 Datasheet
443Kb / 3P
   SURFACE MOUNT SILICON DUAL TRANSISTORS
CMKT5087 CENTRAL-CMKT5087_15 Datasheet
433Kb / 2P
   SURFACE MOUNT DUAL SILICON TRANSISTORS
CMKT5078 CENTRAL-CMKT5078_10 Datasheet
433Kb / 2P
   SURFACE MOUNT DUAL SILICON TRANSISTORS
CTLM3410-M832D CENTRAL-CTLM3410-M832D_15 Datasheet
470Kb / 2P
   SURFACE MOUNT DUAL, LOW SILICON TRANSISTORS
CMXT2222A CENTRAL-CMXT2222A_15 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMLT2907A CENTRAL-CMLT2907A_10 Datasheet
581Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT3906 CENTRAL-CMXT3906_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT2207 CENTRAL-CMXT2207_15 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL COMPLEMENTARY SILICON TRANSISTORS
CMLT2907A CENTRAL-CMLT2907A Datasheet
95Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com