Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPTA44 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPTA44
Description  SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTA44 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPTA44_15 Datasheet HTML 1Page - Central Semiconductor Corp CMPTA44_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPTA44
SURFACE MOUNT
EXTREMELY HIGH VOLTAGE
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPTA44 type
is a surface mount epoxy molded silicon planar
epitaxial transistor designed for extremely high voltage
applications.
MARKING CODE: C3Z
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
450
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
300
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=400V
100
nA
ICES
VCE=400V
500
nA
IEBO
VBE=4.0V
100
nA
BVCBO
IC=100µA
450
V
BVCES
IC=100µA
450
V
BVCEO
IC=1.0mA
400
V
BVEBO
IE=10µA
6.0
V
VCE(SAT)
IC=1.0mA, IB=0.1mA
0.40
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.50
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.75
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.75
V
hFE
VCE=10V, IC=1.0mA
40
hFE
VCE=10V, IC=10mA
50
200
hFE
VCE=10V, IC=50mA
45
hFE
VCE=10V, IC=100mA
20
fT
VCE=10V, IC=10mA, f=10MHz
20
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
7.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
130
pF
SOT-23 CASE
R5 (3-February 2010)
www.centra lsemi.com


Similar Part No. - CMPTA44_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA44 CENTRAL-CMPTA44_10 Datasheet
327Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
More results

Similar Description - CMPTA44_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA44 CENTRAL-CMPTA44_10 Datasheet
327Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
CZTA46 CENTRAL-CZTA46 Datasheet
107Kb / 2P
   SURFACE MOUNT NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
CMPTA46 CENTRAL-CMPTA46_15 Datasheet
328Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
CMPTA46 CENTRAL-CMPTA46_10 Datasheet
328Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
CZTA44 CENTRAL-CZTA44_10 Datasheet
533Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
CZTA46 CENTRAL-CZTA46_10 Datasheet
533Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
CZTA44 CENTRAL-CZTA44_15 Datasheet
533Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
CMPTA46 CENTRAL-CMPTA46 Datasheet
101Kb / 2P
   SURFACE MOUNT NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
CMLTA44 CENTRAL-CMLTA44_15 Datasheet
442Kb / 3P
   SURFACE MOUNT SILICON EXTREMELY HIGH VOLTAGE NPN TRANSISTOR
CMLTA44 CENTRAL-CMLTA44_10 Datasheet
511Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com