Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-146PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-146PIN
Description  High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-146PIN Datasheet(HTML) 2 Page - Tyco Electronics

  AM-146PIN Datasheet HTML 1Page - Tyco Electronics AM-146PIN Datasheet HTML 2Page - Tyco Electronics AM-146PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
AM-/AMC-146
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V3.00
2
Electrical Specifications
1,2 T
A = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
@ +25°C
50 MHz
dB
20.3
21.0
21.7
Frequency Response
10-500 MHz
dB
±1.0
Gain Variation with
Temperature
10-500 MHz
dB
+0.8,-1.2
1 dB Compression
Output Power
10-500 MHz
dBm
+20.0
Noise Figure
10-500 MHz
10-300 MHz
dB
dB
7.0
5.5
Reverse Transmission
10-500 MHz
dB
-35
-30
VSWR
10-500 MHz
Ratio
2:1
Output IP2
Two-tone inputs up to +10 dBm
10-500 MHz
dBm
+40
Output IP3
Two-tone inputs up to +10 dBm
10-500 MHz
dBm
+30
Vbias
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
130
140
Power Dissipation
@ +15V Bias
W
2
Absolute Maximum Ratings
3
Parameter
Absolute Maximum
Max. Input Power
+10 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
3. Operation of this device above any one of these
parameters may cause permanent damage.
1. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
2. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 2 W must be
provided in use.
S-Parameter Data
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.13
-118.5
11.44
16.8
0.02
7.1
0.14
164.6
20
0.12
-144.0
11.63
-1.0
0.02
-4.0
0.16
168.2
200
0.16
121.4
11.24
-120.3
0.02
-113.3
0.05
160.6
500
0.23
13.1
10.84
31.1
0.01
75.6
0.23
174.8
Frequency (MHz)
50
0.13
-175.5
11.56
-27.1
0.02
-25.3
0.15
155.9
75
0.14
169.0
11.49
-44.3
0.02
-41.3
0.13
143.8
100
0.15
163.8
11.45
-59.9
0.02
-55.7
0.08
132.5
300
0.18
86.3
11.34
176.4
0.02
-170.1
0.07
167.7
400
0.20
55.2
11.33
110.4
0.02
133.3
0.12
159.2


Similar Part No. - AM-146PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-146PIN MACOM-AM-146PIN Datasheet
267Kb / 3P
   High Performance Amplifier, 21dB Gain 10 - 500 MHz
logo
M/A-COM Technology Solu...
AM-146PIN MA-COM-AM-146PIN Datasheet
78Kb / 3P
   High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
More results

Similar Description - AM-146PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM-146 MA-COM-AM-146 Datasheet
78Kb / 3P
   High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
   High Performance Amplifier, 10 dB Gain 5 - 500 MHz
logo
Tyco Electronics
AM-123 MACOM-AM-123 Datasheet
270Kb / 3P
   High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-AMC-147 MACOM-AM-AMC-147 Datasheet
224Kb / 3P
   High Performance Amplifier, 17 dB Gain, 5 - 500 MHz
AM-146 MACOM-AM-146 Datasheet
267Kb / 3P
   High Performance Amplifier, 21dB Gain 10 - 500 MHz
AM-AMC-132 MACOM-AM-AMC-132 Datasheet
86Kb / 3P
   High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
AM-AMC-136 MACOM-AM-AMC-136 Datasheet
255Kb / 3P
   High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
AM-AMC-138 MACOM-AM-AMC-138 Datasheet
255Kb / 3P
   High Performance Amplifier, 25 dB Gain, 10 - 200 MHz
logo
M/A-COM Technology Solu...
AM-145 MA-COM-AM-145 Datasheet
89Kb / 3P
   High Performance Amplifier, 11 dB Gain, 10 - 1000 MHz
logo
Tyco Electronics
AM-AMC-140 MACOM-AM-AMC-140 Datasheet
255Kb / 3P
   High Performance Amplifier, 29 dB Gain, 10 - 200 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com