Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM50-0002TR Datasheet(PDF) 3 Page - Tyco Electronics

Part # AM50-0002TR
Description  Low Noise Amplifier 1.575 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0002TR Datasheet(HTML) 3 Page - Tyco Electronics

  AM50-0002TR Datasheet HTML 1Page - Tyco Electronics AM50-0002TR Datasheet HTML 2Page - Tyco Electronics AM50-0002TR Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V 2.00
Low Noise Amplifier
AM50-0002
FREQUENCY (GHz)
FREQUENCY (GHz)
VSWR vs FREQUENCY @ 5 V, TA = +25°C
INPUT IP3 vs FREQUENCY, TA = +25°C
FREQUENCY (GHz)
FREQUENCY (GHz)
GAIN vs FREQUENCY @ 5 V
NOISE FIGURE vs FREQUENCY @ 5 V
3.0
2.5
2.0
1.5
1.0
1.3
1.4
1.5
1.6
1.7
1.8
Input
Output
28
26
24
22
20
1.3
1.4
1.5
1.6
1.7
1.8
-40°C
+85°C
+25°C
-12
-13
-14
-15
-16
1.50
1.52
1.54
1.56
1.58
1.60
3 V
5 V
1.6
1.4
1.2
1.0
0.8
1.50
1.52
1.54
1.56
1.58
1.60
+85°C
+25°C
-40°C
Additional information is available in Application Note M540,
“M/A-COM GaAs MMIC LNA SOIC-8 Platform.”


Similar Part No. - AM50-0002TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0002TR MACOM-AM50-0002TR Datasheet
214Kb / 5P
   Low Noise Amplifier
AM50-0002TR MACOM-AM50-0002TR Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
214Kb / 5P
   Low Noise Amplifier
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
211Kb / 3P
   Low Noise Amplifier
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
More results

Similar Description - AM50-0002TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002_1 Datasheet
244Kb / 5P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
   1.575 GHz GPS Low Noise Amplifier
logo
Johanson Technology Inc...
1575AT43A0040 JOHANSON-1575AT43A0040 Datasheet
375Kb / 3P
   1.575 GHz Antenna
1575AT43A40 JOHANSON-1575AT43A40 Datasheet
317Kb / 3P
   1.575 GHz Antenna
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
   2.4 GHz Low-Noise Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com