Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRLF125N06K Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HRLF125N06K
Description  100PerCent Avalanche Tested
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRLF125N06K Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HRLF125N06K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRLF125N06K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRLF125N06K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRLF125N06K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRLF125N06K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRLF125N06K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRLF125N06K Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
◎ SEMIHOW REV.A0,December 2014
HRLF125N06K
60V N-Channel Trench MOSFET
December 2014
Absolute Maximum Ratings
T
C=25℃ unless otherwise specified
8DFN 5x6
1
 BV
DSS = 60 V
 I
D = 70 A
 Unrivalled Gate Charge : 50 nC (Typ.)
 Lower R
DS(ON) : 10 mΩ (Typ.) @VGS=10V
 Lower R
DS(ON) : 12 mΩ (Typ.) @VGS=4.5V
 100% Avalanche Tested
FEATURES
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
60
V
I
D
Drain Current
– Continuous (T
C = 25℃)
70 *
A
Drain Current
– Continuous (T
C = 100℃)
49 *
A
I
DM
Drain Current
– Pulsed
(Note 1)
245 *
A
V
GS
Gate-Source Voltage
±25
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
145
mJ
E
AR
Repetitive Avalanche Energy
(Note 1)
7.5
mJ
P
D
Power Dissipation (T
C = 25℃)
75
W
Power Dissipation (T
A = 25℃)
2.4
W
T
J, TSTG
Operating and Storage Temperature Range
-55 to +175
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
--
62
℃/W
RθJC
Junction-to-Case
--
2.0
* Drain current limited by maximum junction temperature


Similar Part No. - HRLF125N06K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLF120N10H SEMIHOW-HRLF120N10H Datasheet
518Kb / 7P
   Enhanced Avalanche Ruggedness
More results

Similar Description - HRLF125N06K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRF140N06K SEMIHOW-HRF140N06K Datasheet
987Kb / 7P
   100PerCent Avalanche Tested
HRF120N10K SEMIHOW-HRF120N10K Datasheet
920Kb / 7P
   100PerCent Avalanche Tested
HRF130N06K SEMIHOW-HRF130N06K Datasheet
872Kb / 7P
   100% Avalanche Tested
HRF85N08K SEMIHOW-HRF85N08K Datasheet
185Kb / 7P
   100% Avalanche Tested
HRLF80N06K SEMIHOW-HRLF80N06K Datasheet
190Kb / 7P
   100% Avalanche Tested
logo
Microsemi Corporation
APT30M70BVRG MICROSEMI-APT30M70BVRG Datasheet
63Kb / 4P
   100% Avalanche Tested
logo
STMicroelectronics
STD9HN65M2 STMICROELECTRONICS-STD9HN65M2 Datasheet
505Kb / 16P
   100% avalanche tested
logo
SemiHow Co.,Ltd.
HRLF150N10K SEMIHOW-HRLF150N10K Datasheet
233Kb / 7P
   100% Avalanche Tested
logo
STMicroelectronics
STD7LN80K5 STMICROELECTRONICS-STD7LN80K5 Datasheet
824Kb / 16P
   100% avalanche tested
STD13N65M2 STMICROELECTRONICS-STD13N65M2 Datasheet
556Kb / 16P
   100% avalanche tested
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com