Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRLF125N06K Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HRLF125N06K
Description  100PerCent Avalanche Tested
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRLF125N06K Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HRLF125N06K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRLF125N06K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRLF125N06K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRLF125N06K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRLF125N06K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRLF125N06K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRLF125N06K Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
◎ SEMIHOW REV.A0,December 2014
Electrical Characteristics T
J=25 °C unless otherwise specified
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
I
S
Continuous Source-Drain Diode Forward Current
--
--
70
A
I
SM
Pulsed Source-Drain Diode Forward Current
--
--
245
V
SD
Source-Drain Diode Forward Voltage
I
S = 15 A, VGS = 0 V
--
--
1.3
V
trr
Reverse Recovery Time
I
S = 15 A, VGS = 0 V
di
F/dt = 100 A/μs
--
40
--
Qrr
Reverse Recovery Charge
--
40
--
nC
On Characteristics
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 ㎂
60
--
--
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 48 V, VGS = 0 V
--
--
1
V
DS = 48 V, TJ = 125℃
--
--
100
I
GSS
Gate-Body Leakage Current
V
GS = ±20 V, VDS = 0 V
--
--
±100
Off Characteristics
C
iss
Input Capacitance
V
DS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
2700
--
C
oss
Output Capacitance
--
230
--
C
rss
Reverse Transfer Capacitance
--
180
--
R
g
Gate Resistance
V
GS = 0 V, VDS = 0 V, f = 1MHz
--
1.2
--
Dynamic Characteristics
t
d(on)
Turn-On Time
V
DS = 30 V, ID = 15 A,
R
G = 6 Ω
--
20
--
t
r
Turn-On Rise Time
--
50
--
t
d(off)
Turn-Off Delay Time
--
120
--
t
f
Turn-Off Fall Time
--
40
--
Q
g
Total Gate Charge
V
DS = 48 V, ID = 15 A,
V
GS = 10 V
--
50
--
nC
Q
gs
Gate-Source Charge
--
7
--
nC
Q
gd
Gate-Drain Charge
--
13
--
nC
Switching Characteristics
Source-Drain Diode Maximum Ratings and Characteristics
Notes :
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=1mH, I
AS=13A, VDD=25V, RG=25Ω, Starting TJ =25°C
V
GS
Gate Threshold Voltage
V
DS = VGS, ID = 250 ㎂
1.0
--
2.4
V
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 15 A
--
10
12.5
m
V
GS = 4.5 V, ID = 10 A
--
12
15
m
g
FS
Forward Transconductance
V
DS = 15, ID = 15 A
--
60
--
S


Similar Part No. - HRLF125N06K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLF120N10H SEMIHOW-HRLF120N10H Datasheet
518Kb / 7P
   Enhanced Avalanche Ruggedness
More results

Similar Description - HRLF125N06K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRF140N06K SEMIHOW-HRF140N06K Datasheet
987Kb / 7P
   100PerCent Avalanche Tested
HRF120N10K SEMIHOW-HRF120N10K Datasheet
920Kb / 7P
   100PerCent Avalanche Tested
HRF130N06K SEMIHOW-HRF130N06K Datasheet
872Kb / 7P
   100% Avalanche Tested
HRF85N08K SEMIHOW-HRF85N08K Datasheet
185Kb / 7P
   100% Avalanche Tested
HRLF80N06K SEMIHOW-HRLF80N06K Datasheet
190Kb / 7P
   100% Avalanche Tested
logo
Microsemi Corporation
APT30M70BVRG MICROSEMI-APT30M70BVRG Datasheet
63Kb / 4P
   100% Avalanche Tested
logo
STMicroelectronics
STD9HN65M2 STMICROELECTRONICS-STD9HN65M2 Datasheet
505Kb / 16P
   100% avalanche tested
logo
SemiHow Co.,Ltd.
HRLF150N10K SEMIHOW-HRLF150N10K Datasheet
233Kb / 7P
   100% Avalanche Tested
logo
STMicroelectronics
STD7LN80K5 STMICROELECTRONICS-STD7LN80K5 Datasheet
824Kb / 16P
   100% avalanche tested
STD13N65M2 STMICROELECTRONICS-STD13N65M2 Datasheet
556Kb / 16P
   100% avalanche tested
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com