Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRLP55N03K Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HRLP55N03K
Description  Superior Avalanche Rugged Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRLP55N03K Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HRLP55N03K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRLP55N03K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRLP55N03K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRLP55N03K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRLP55N03K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRLP55N03K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRLP55N03K Datasheet HTML 7Page - SemiHow Co.,Ltd. HRLP55N03K Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
◎ SEMIHOW REV.A0,December 2014
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0
10
20
30
40
50
60
0
2
4
6
8
10
12
V
DS = 24V
I
D = 20V
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
10
2
V
GS
Top :
10 V
8 V
7 V
6 V
5 V
4 V
Bottom : 3 V
* Notes :
1. 300us Pulse Test
2. T
C = 25
oC
V
DS, Drain-Source Voltage [V]
0
2
4
0.1
1
10
100
25
oC
* Notes :
1. V
DS= 15V
2. 300us Pulse Test
V
GS, Gate-Source Voltage [V]
175
oC
0.0
0.4
0.8
1.2
1.6
2.0
0.1
1
10
100
25
oC
* Notes :
1. V
GS= 0V
2. 300us Pulse Test
V
SD, Source-Drain Voltage [V]
175
oC
0
40
80
120
160
200
240
0
2
4
6
8
10
12
14
16
V
GS = 4.5V
∗ Note : T
J = 25
oC
I
D, Drain Current [A]
V
GS = 10V
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
3000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]


Similar Part No. - HRLP55N03K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLP120N10H SEMIHOW-HRLP120N10H Datasheet
491Kb / 7P
   100V N-Channel Trench MOSFET
HRLP125N06K SEMIHOW-HRLP125N06K Datasheet
815Kb / 8P
   Superior Avalanche Rugged Technology
HRLP150N10K SEMIHOW-HRLP150N10K Datasheet
217Kb / 7P
   Originative New Design
HRLP33N03K SEMIHOW-HRLP33N03K Datasheet
995Kb / 8P
   Superior Avalanche Rugged Technology
HRLP370N10K SEMIHOW-HRLP370N10K Datasheet
1,005Kb / 8P
   Superior Avalanche Rugged Technology
More results

Similar Description - HRLP55N03K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLD150N10K SEMIHOW-HRLD150N10K Datasheet
326Kb / 9P
   Superior Avalanche Rugged Technology
HCD65R360S SEMIHOW-HCD65R360S Datasheet
268Kb / 8P
   Superior Avalanche Rugged Technology
HFS2N60U SEMIHOW-HFS2N60U Datasheet
307Kb / 8P
   Superior Avalanche Rugged Technology
HFS5N65U SEMIHOW-HFS5N65U Datasheet
320Kb / 8P
   Superior Avalanche Rugged Technology
HFS8N65U SEMIHOW-HFS8N65U Datasheet
312Kb / 8P
   Superior Avalanche Rugged Technology
HFS8N70U SEMIHOW-HFS8N70U Datasheet
313Kb / 8P
   Superior Avalanche Rugged Technology
HFS10N60U SEMIHOW-HFS10N60U Datasheet
306Kb / 7P
   Superior Avalanche Rugged Technology
HFD8N70U SEMIHOW-HFD8N70U Datasheet
264Kb / 8P
   Superior Avalanche Rugged Technology
HFN6N70U SEMIHOW-HFN6N70U Datasheet
256Kb / 7P
   Superior Avalanche Rugged Technology
HFP2N60U SEMIHOW-HFP2N60U Datasheet
197Kb / 8P
   Superior Avalanche Rugged Technology
HFP5N50U SEMIHOW-HFP5N50U Datasheet
209Kb / 8P
   Superior Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com