Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM50-0015SMB Datasheet(PDF) 4 Page - Tyco Electronics

Part # AM50-0015SMB
Description  Miniature Broadband Gain Stage 200 - 3000 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0015SMB Datasheet(HTML) 4 Page - Tyco Electronics

  AM50-0015SMB Datasheet HTML 1Page - Tyco Electronics AM50-0015SMB Datasheet HTML 2Page - Tyco Electronics AM50-0015SMB Datasheet HTML 3Page - Tyco Electronics AM50-0015SMB Datasheet HTML 4Page - Tyco Electronics AM50-0015SMB Datasheet HTML 5Page - Tyco Electronics AM50-0015SMB Datasheet HTML 6Page - Tyco Electronics AM50-0015SMB Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0
15
16
17
18
19
20
21
22
23
24
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
GHz
ROOM
COLD
HOT
15
15.5
16
16.5
17
17.5
18
18.5
19
19.5
20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
GHz
ROOM
COLD
HOT
12
13
14
15
16
17
18
19
20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
GHz
ROOM
COLD
HOT
0
0.5
1
1.5
2
2.5
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
GHz
25C
-40C
85C
Miniature Broadband Gain Stage, 200 - 3000 MHz
AM50-0015
4
Typical Performance Curves (Cont’d)
Noise Figure @ 5.0 Volts
P1dB VDD = 2.7 Volts
P1dB VDD = 3.0 Volts
Output IP3 at 25°C
SOT-363 Plastic Package
1
PIN 1
PIN 6
D
e
e
E
A
A1
b
c
L
A
E1
A2
Dimensions
Min.
Nom.
Max.
A
1.10
A1
0
0.10
A2
0.70
0.90
1.00
b
0.15
0.30
c
0.08
0.22
D
2.00 basic
e
0.65 basic
E
2.10 basic
E1
1.25 basic
L
0.42 ref.
Measurements (mm)
1. See JEDEC MO-203 VAR AB for additional dimensions and
tolerances.
SOT-363 Plastic Package


Similar Part No. - AM50-0015SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011 Datasheet
182Kb / 4P
   High Dynamic Range LNA
AM50-0011 MACOM-AM50-0011 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011SMB MACOM-AM50-0011SMB Datasheet
182Kb / 4P
   High Dynamic Range LNA
More results

Similar Description - AM50-0015SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0012 MACOM-MAALSS0012 Datasheet
114Kb / 8P
   Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com