Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM52-0001SMB Datasheet(PDF) 5 Page - Tyco Electronics

Part # AM52-0001SMB
Description  1.2 W High Efficiency Power Amplifier 800 - 960 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM52-0001SMB Datasheet(HTML) 5 Page - Tyco Electronics

  AM52-0001SMB Datasheet HTML 1Page - Tyco Electronics AM52-0001SMB Datasheet HTML 2Page - Tyco Electronics AM52-0001SMB Datasheet HTML 3Page - Tyco Electronics AM52-0001SMB Datasheet HTML 4Page - Tyco Electronics AM52-0001SMB Datasheet HTML 5Page - Tyco Electronics AM52-0001SMB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.2 W High Efficiency Power Amplifier
AM52-0001
V1.00
Specifications Subject to Change Without Notice.
M/A-COM Inc.
5
North America:
Tel. (800) 366-2266
♦ Asia/Pacific: Tel. +81 3 3226-8761
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3226-8769
Fax +44 (1344) 300 020
Designer’s Kit AM52-0001SMB
The
AM52-0001SMB
Designer's
Kit
allows
for
immediate
evaluation of M/A-COM's AM52-0001. The evaluation board
consists of an AM52-0001, recommended external surface mount
circuitry, RF connectors, and a DC multi-pin connector, all mounted
to a multi-layer FR-4 PCB. Other items included in the Designer's
Kit, a floppy disk (with typical performance data and a DXF file of
the recommended PCB layout) and any additional Application
Notes. The AM52-0001SMB evaluation PCB is illustrated below
with all functional ports labeled.
AMPLIFIER PCB
DC Connector Pinout
PCB DC
Connector
Function
Device Pin
Number
PCB DC
Connector
Function
Device Pin
Number
1
GND
6 & 9 (Puck)
11
212
313
4
14
VD2
8
515
6
VG2
5
16
7
17
VG1
1
818
9
VD1
4
19
GND
6 & 9 (Puck)
10
20


Similar Part No. - AM52-0001SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
AM52-0023SMB MACOM-AM52-0023SMB Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
AM52-0023TR MACOM-AM52-0023TR Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
AM52-0023TR-3000 MACOM-AM52-0023TR-3000 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
AM52-0024 MACOM-AM52-0024 Datasheet
352Kb / 6P
   0.5 W, 2.4 GHz Power Amplifier
More results

Similar Description - AM52-0001SMB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66296-11 SKYWORKS-SKY66296-11 Datasheet
1Mb / 14P
   700 to 800 MHz High-Efficiency 4 W Power Amplifier
logo
Stealth Microwave, Inc.
SM08096-37 STEALTH_MICROWAVE-SM08096-37 Datasheet
93Kb / 2P
   800-960 MHz 5 Watt Linear Power Amplifier
logo
Tyco Electronics
PA1162 MACOM-PA1162 Datasheet
62Kb / 1P
   800-960 MHz(4 Watt Ultra Linear Power Amplifier)
logo
Skyworks Solutions Inc.
SKY65127 SKYWORKS-SKY65127 Datasheet
1Mb / 11P
   700–800 MHz High Linearity 2 W Power Amplifier
February 03, 2009
logo
M/A-COM Technology Solu...
MAAP-008924 MA-COM-MAAP-008924_15 Datasheet
677Kb / 5P
   Amplifier, Power, 1.2 W
MAAP-008924 MA-COM-MAAP-008924 Datasheet
177Kb / 4P
   Amplifier, Power, 1.2 W
PA1162 MA-COM-PA1162 Datasheet
117Kb / 2P
   RF Linear Hybrid Power Amplifier - 4 Watts 800 to 960 MHz
logo
Tyco Electronics
PA1186 MACOM-PA1186 Datasheet
74Kb / 2P
   800-960 MHz. 6 Watt 28v. GaAs Ultra Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
   1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
SKY66297-11 SKYWORKS-SKY66297-11 Datasheet
1Mb / 14P
   2490 to 2690 MHz High-Efficiency 4 W Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com