Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR8U20SP5Q Datasheet(PDF) 5 Page - Diodes Incorporated

Part # SBR8U20SP5Q
Description  SUPER BARRIER RECTIFIER 8A SBR짰 POWERDI짰5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR8U20SP5Q Datasheet(HTML) 5 Page - Diodes Incorporated

  SBR8U20SP5Q_15 Datasheet HTML 1Page - Diodes Incorporated SBR8U20SP5Q_15 Datasheet HTML 2Page - Diodes Incorporated SBR8U20SP5Q_15 Datasheet HTML 3Page - Diodes Incorporated SBR8U20SP5Q_15 Datasheet HTML 4Page - Diodes Incorporated SBR8U20SP5Q_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SBR8U20SP5Q
SBR and POWERDI are registered trademarks of Diodes Incorporated
.
SBR8U20SP5
Document number: DS36325 Rev.1 - 2
5 of 4
www.diodes.com
June 2013
© Diodes Incorporated
IMPORTANT NOTICE
DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT, INCLUDING,
BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR
EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without
further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or
use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor
the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and
will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all
damages.
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel.
Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold
Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any
claim of personal injury or death associated with such unintended or unauthorized application.
Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings
noted herein may also be covered by one or more United States, international or foreign trademarks.
This document is written in English but may be translated into multiple languages for reference. Only the English version of this document is the final
and determinative format released by Diodes Incorporated.
LIFE SUPPORT
Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express
written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A. Life support devices or systems are devices or systems which:
1. are intended to implant into the body, or
2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the
labeling can be reasonably expected to result in significant injury to the user.
B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and
acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use
of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or
support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against
any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems.
Copyright © 2013, Diodes Incorporated
www.diodes.com


Similar Part No. - SBR8U20SP5Q_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR8U20SP5Q-13 DIODES-SBR8U20SP5Q-13 Datasheet
136Kb / 5P
   8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
June 2013
More results

Similar Description - SBR8U20SP5Q_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR8U60P5 DIODES-SBR8U60P5 Datasheet
78Kb / 4P
   8A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31731 Rev. 3 - 2
SBR8U60P5Q DIODES-SBR8U60P5Q_15 Datasheet
145Kb / 5P
   SUPER BARRIER RECTIFIER 8A SBR짰 POWERDI짰5
SBR10U200P5 DIODES-SBR10U200P5 Datasheet
81Kb / 3P
   10.0A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31234 Rev. 4 - 2
SBR15U50SP5 DIODES-SBR15U50SP5_15 Datasheet
210Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5
SBR15U30SP5Q DIODES-SBR15U30SP5Q_15 Datasheet
239Kb / 6P
   SUPER BARRIER RECTIFIER 15A SBR짰 POWERDI짰5
SBR1045SP5 DIODES-SBR1045SP5 Datasheet
80Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31370 Rev. 3 - 2
SBR10U45SP5 DIODES-SBR10U45SP5 Datasheet
130Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31371 Rev. 4 - 2
SBR15A30SP5 DIODES-SBR15A30SP5_15 Datasheet
211Kb / 6P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5
SBR10U45SP5Q DIODES-SBR10U45SP5Q_15 Datasheet
163Kb / 6P
   SUPER BARRIER RECTIFIER 10A SBR짰 POWERDI짰5
SBR12U100P5Q DIODES-SBR12U100P5Q_15 Datasheet
145Kb / 5P
   SUPER BARRIER RECTIFIER 12A SBR짰 POWERDI짰5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com