Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4229 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4229
Description  Ideal Diode and Hot Swap Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4229 Datasheet(HTML) 2 Page - Linear Technology

  LTC4229_15 Datasheet HTML 1Page - Linear Technology LTC4229_15 Datasheet HTML 2Page - Linear Technology LTC4229_15 Datasheet HTML 3Page - Linear Technology LTC4229_15 Datasheet HTML 4Page - Linear Technology LTC4229_15 Datasheet HTML 5Page - Linear Technology LTC4229_15 Datasheet HTML 6Page - Linear Technology LTC4229_15 Datasheet HTML 7Page - Linear Technology LTC4229_15 Datasheet HTML 8Page - Linear Technology LTC4229_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC4229
2
4229f
For more information www.linear.com/LTC4229
absoluTe MaxiMuM raTings
Supply Voltages
IN........................................................... –0.3V to 24V
INTVCC..................................................... –0.3V to 7V
Input Voltages
FB, DCFG ................................................. –0.3V to 7V
FTMR, DTMR, RTMR.............–0.3V to INTVCC + 0.3V
UV, OV, EN, DOFF................................... –0.3V to 24V
SENSE+, SENSE, DSNS, DSRC............. –0.3V to 24V
Output Voltages
FAULT, PWRGD, DSTAT, DFLT, OUT ........ –0.3V to 24V
CPO, DGATE (Note 3)............................. –0.3V to 35V
HGATE (Note 4) ..................................... –0.3V to 35V
Average Currents
FAULT, PWRGD, DSTAT, DFLT...............................5mA
INTVCC.................................................................1mA
Operating Ambient Temperature Range
LTC4229C................................................ 0°C to 70°C
LTC4229I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
G Package.........................................................300°C
(Notes 1, 2)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4229CUFD#PBF
LTC4229CUFD#TRPBF
4229
24-Lead (4mm × 5mm) Plastic QFN
0°C to 70°C
LTC4229IUFD#PBF
LTC4229IUFD#TRPBF
4229
24-Lead (4mm × 5mm) Plastic QFN
–40°C to 85°C
LTC4229CG#PBF
LTC4229CG#TRPBF
LTC4229G
24-Lead Plastic SSOP
0°C to 70°C
LTC4229IG#PBF
LTC4229IG#TRPBF
LTC4229G
24-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
8
9
TOP VIEW
25
UFD PACKAGE
24-LEAD (4mm × 5mm) PLASTIC QFN
10 11 12
24 23 22 21 20
6
5
4
3
2
1
DSRC
SENSE
SENSE+
IN
DSNS
INTVCC
GND
PWRGD
FAULT
DSTAT
DFLT
DOFF
DCFG
OV
7
14
15
16
17
18
19
13
TJMAX = 125°C, θJA = 43°C/W (Note 5)
EXPOSED PAD (PIN 25) PCB GND CONNECTION OPTIONAL
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
G PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
CPO
DGATE
DSRC
SENSE
SENSE+
IN
DSNS
INTVCC
GND
DTMR
RTMR
FTMR
HGATE
OUT
FB
PWRGD
FAULT
DSTAT
DFLT
DOFF
DCFG
OV
UV
EN
TJMAX = 125°C, θJA = 88°C/W
pin conFiguraTion


Similar Part No. - LTC4229_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4229 LINER-LTC4229 Datasheet
277Kb / 8P
   Single Ideal Diode and Hot Swap Controller
LTC4229 LINER-LTC4229 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4229 LINER-LTC4229 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4229 AD-LTC4229 Datasheet
1Mb / 22P
   Micropower Hot Swap Controller
More results

Similar Description - LTC4229_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4228-2 LINER-LTC4228-2_15 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4225-1 LINER-LTC4225-1_15 Datasheet
351Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4225-2 LINER-LTC4225-2_15 Datasheet
351Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1_15 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4229 LINER-LTC4229 Datasheet
277Kb / 8P
   Single Ideal Diode and Hot Swap Controller
LTC4227 LINER-LTC4227_15 Datasheet
695Kb / 22P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4227-1 LINER-LTC4227-1 Datasheet
250Kb / 8P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com