Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4229 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC4229
Description  Ideal Diode and Hot Swap Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4229 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC4229_15 Datasheet HTML 20Page - Linear Technology LTC4229_15 Datasheet HTML 21Page - Linear Technology LTC4229_15 Datasheet HTML 22Page - Linear Technology LTC4229_15 Datasheet HTML 23Page - Linear Technology LTC4229_15 Datasheet HTML 24Page - Linear Technology LTC4229_15 Datasheet HTML 25Page - Linear Technology LTC4229_15 Datasheet HTML 26Page - Linear Technology LTC4229_15 Datasheet HTML 27Page - Linear Technology LTC4229_15 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTC4229
25
4229f
For more information www.linear.com/LTC4229
Typical applicaTion
Diode-ORing on Backplane Application with Ideal Diode First Followed by Hot Swap Control
R6
100k
R7
100k
R8
100k
R9
100k
DCFG
DOFF
EN
DFLT
GND
INTVCC
FB
SENSE+ SENSE
UV
OV
DSTAT
RTMR
FAULT
PWRGD
DTMR
FTMR
CPO DSRC
HGATE
IN
DSNS OUT
RH1
10
RHG1
1k
CL1
100µF
CHG1
10nF
VIN1
12V
12V
7.6A
MH1
SiR158DP
PLUG-IN
SUPPLY
CARD 1
VSENSE1+
VSENSE1+
DGATE
MD1
SiR158DP
RS1
0.0025
R3
21.5k
R2
1.1k
R1
2k
+
C3
0.1µF
CFT1
0.1µF
C1
0.1µF
R5
15k
R4
2k
LTC4229
Z1
SMAJ15A
R16
100k
R17
100k
R18
100k
R19
100k
DCFG
DOFF
EN
4229 TA02
DFLT
GND
INTVCC
FB
SENSE+ SENSE
UV
OV
DSTAT
RTMR
FAULT
PWRGD
DTMR
FTMR
CPO DSRC
HGATE
IN
DSNS
BACKPLANE
OUT
RH2
10
RHG2
1k
CL2
100µF
CHG2
10nF
VIN2
12V
MH2
SiR158DP
PLUG-IN
SUPPLY
CARD 2
VSENSE2+
VSENSE2+
DGATE
MD2
SiR158DP
RS2
0.0025
R13
21.5k
R12
1.1k
R11
2k
+
C4
0.1µF
CFT2
0.1µF
C2
0.1µF
R15
15k
R14
2k
LTC4229
Z2
SMAJ15A
VOUT1
VOUT2


Similar Part No. - LTC4229_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4229 LINER-LTC4229 Datasheet
277Kb / 8P
   Single Ideal Diode and Hot Swap Controller
LTC4229 LINER-LTC4229 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4229 LINER-LTC4229 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4229 AD-LTC4229 Datasheet
1Mb / 22P
   Micropower Hot Swap Controller
More results

Similar Description - LTC4229_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4228-2 LINER-LTC4228-2_15 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4225-1 LINER-LTC4225-1_15 Datasheet
351Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4225-2 LINER-LTC4225-2_15 Datasheet
351Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1_15 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4229 LINER-LTC4229 Datasheet
277Kb / 8P
   Single Ideal Diode and Hot Swap Controller
LTC4227 LINER-LTC4227_15 Datasheet
695Kb / 22P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4227-1 LINER-LTC4227-1 Datasheet
250Kb / 8P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com