Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4229 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4229
Description  Ideal Diode and Hot Swap Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4229 Datasheet(HTML) 5 Page - Linear Technology

  LTC4229_15 Datasheet HTML 1Page - Linear Technology LTC4229_15 Datasheet HTML 2Page - Linear Technology LTC4229_15 Datasheet HTML 3Page - Linear Technology LTC4229_15 Datasheet HTML 4Page - Linear Technology LTC4229_15 Datasheet HTML 5Page - Linear Technology LTC4229_15 Datasheet HTML 6Page - Linear Technology LTC4229_15 Datasheet HTML 7Page - Linear Technology LTC4229_15 Datasheet HTML 8Page - Linear Technology LTC4229_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC4229
5
4229f
For more information www.linear.com/LTC4229
Typical perForMance characTerisTics
INTVCC Load Regulation
Hot Swap Gate Voltage vs Current
Hot Swap Gate Voltage
vs IN Voltage
IN Supply Current vs Voltage
SENSE+ Current vs Voltage
OUT Current vs Voltage
TA = 25°C, VIN = 12V, unless otherwise noted.
CPO Voltage vs Current
Diode Gate Voltage vs Current
Diode Gate Voltage vs IN Voltage
VIN (V)
0
2.0
2.5
3.0
9
15
18
4229 G01
1.5
0.5
1.0
0
3
6
12
VOUT = 3.3V
VOUT = 0V
VOUT = 12V
VSENSE+ = VIN – 0.5V
VOUT (V)
0
1.5
2.0
9
15
18
4229 G03
1.0
0
0.5
–0.5
3
6
12
VIN = 12V, VSENSE+ = 11.5V
ILOAD (mA)
0
3
4
5
6
–0.6
–1
4229 G04
2
1
0
–0.2
–0.4
–0.8
VIN = 2.9V
VIN = 12V
IHGATE (µA)
0
8
10
12
14
–6
–12
–10
4229 G05
6
4
2
0
–2
–4
–8
VIN = 2.9V
VIN = 12V
VOUT = VIN
VIN (V)
0
8
10
12
14
9
18
15
4229 G06
6
4
3
6
12
VOUT = VIN
ICPO (µA)
0
2
4
6
8
10
12
–60
–120
–100
4229 G07
0
–2
–20
–40
–80
VIN = 2.9V
VIN = 18V
VDRSC = VIN
IDGATE (µA)
0
2
4
6
8
10
12
–60
–120
–100
4229 G08
0
–2
–20
–40
–80
VIN = 18V
VIN = 2.9V
VDSNS = VIN – 0.15V
VIN (V)
0
8
10
12
14
9
18
15
4229 G09
6
4
3
6
12
VDSNS = VIN – 0.15V
VDSRC = VIN
VSENSE+ (V)
0
2.0
2.5
3.0
9
15
18
4229 G02
1.5
0.5
1.0
0
3
6
12
VIN = 12V, VOUT = 0V


Similar Part No. - LTC4229_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4229 LINER-LTC4229 Datasheet
277Kb / 8P
   Single Ideal Diode and Hot Swap Controller
LTC4229 LINER-LTC4229 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4229 LINER-LTC4229 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4229 AD-LTC4229 Datasheet
1Mb / 22P
   Micropower Hot Swap Controller
More results

Similar Description - LTC4229_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4228-2 LINER-LTC4228-2_15 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4225-1 LINER-LTC4225-1_15 Datasheet
351Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4225-2 LINER-LTC4225-2_15 Datasheet
351Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1_15 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4229 LINER-LTC4229 Datasheet
277Kb / 8P
   Single Ideal Diode and Hot Swap Controller
LTC4227 LINER-LTC4227_15 Datasheet
695Kb / 22P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4227-1 LINER-LTC4227-1 Datasheet
250Kb / 8P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com