Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMUT2222A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMUT2222A
Description  SURFACE MOUNT NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMUT2222A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMUT2222A_15 Datasheet HTML 1Page - Central Semiconductor Corp CMUT2222A_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMUT2222A
SURFACE MOUNT
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMUT2222A
type is an NPN silicon transistor manufactured by
the epitaxial planar process, epoxy molded in an
ULTRAmini™ surface mount package, designed
for small signal general purpose and switching
applications.
MARKING CODE: PC1
SOT-523 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
75
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
600
mA
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=60V
10
nA
ICBO
VCB=60V, TA=125°C
10
μA
ICEV
VCE=60V, VEB=3.0V
10
nA
IEBO
VEB=3.0V
10
nA
BVCBO
IC=10μA
75
V
BVCEO
IC=10mA
40
V
BVEBO
IE=10μA
6.0
V
VCE(SAT)
IC=150mA, IB=15mA
0.3
V
VCE(SAT)
IC=500mA, IB=50mA
1.0
V
VBE(SAT)
IC=150mA, IB=15mA
0.6
1.2
V
VBE(SAT)
IC=500mA, IB=50mA
2.0
V
hFE
VCE=10V, IC=0.1mA
35
hFE
VCE=10V, IC=1.0mA
50
hFE
VCE=10V, IC=10mA
75
hFE
VCE=10V, IC=150mA
100
300
hFE
VCE=1.0V, IC=150mA
50
hFE
VCE=10V, IC=500mA
40
R3 (9-February 2010)
www.centr a lsemi.com


Similar Part No. - CMUT2222A_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMUT2222A CENTRAL-CMUT2222A_10 Datasheet
349Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Similar Description - CMUT2222A_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT2222A CENTRAL-CXT2222A Datasheet
103Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CXT491E CENTRAL-CXT491E Datasheet
73Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846 CENTRAL-BC846 Datasheet
345Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW31 CENTRAL-BCW31 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CTLT8099-M322S_1210 CENTRAL-CTLT8099-M322S_1210 Datasheet
505Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW65 CENTRAL-BCW65_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5551 CENTRAL-CMPT5551_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A_10 Datasheet
534Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT3019 CENTRAL-CZT3019_10 Datasheet
535Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com