Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMXT3906 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMXT3906
Description  SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMXT3906 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMXT3906_15 Datasheet HTML 1Page - Central Semiconductor Corp CMXT3906_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMXT3906
SURFACE MOUNT
DUAL PNP
SILICON TRANSISTORS
ELECTRICAL CHARACTERISTICS PER TRANSISTOR - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hre
VCE=10V, IC=1.0mA, f=1.0kHz
0.1
10
x10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
100
400
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
3.0
60
μS
NF
VCE=5.0V, IC=100μA, RS=1.0kΩ,
f=10Hz to 15.7kHz
4.0
dB
td
VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA
35
ns
tr
VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA
35
ns
ts
VCC=3.0V, IC=10mA, IB1=IB2=1.0mA
225
ns
tf
VCC=3.0V, IC=10mA, IB1=IB2=1.0mA
75
ns
LEAD CODE:
1) Emitter Q1
2) Base Q1
3) Collector Q2
4) Emitter Q2
5) Base Q2
6) Collector Q1
MARKING CODE: X2A
SOT-26 CASE - MECHANICAL OUTLINE
www.centr a lsemi.com
R3 (12-February 2010)


Similar Part No. - CMXT3906_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXT3906 CENTRAL-CMXT3906_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
More results

Similar Description - CMXT3906_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT2907A CENTRAL-CMLT2907A_10 Datasheet
581Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT3906 CENTRAL-CMXT3906_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMLT2907A CENTRAL-CMLT2907A Datasheet
95Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMKT2907A CENTRAL-CMKT2907A_15 Datasheet
499Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT2907A CENTRAL-CMXT2907A_15 Datasheet
556Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMKT2907A CENTRAL-CMKT2907A_10 Datasheet
499Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT2907A CENTRAL-CMXT2907A_10 Datasheet
556Kb / 2P
   SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CYT4033D CENTRAL-CYT4033D Datasheet
545Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED PNP SILICON TRANSISTORS
CMLT5087EM CENTRAL-CMLT5087EM Datasheet
751Kb / 2P
   SURFACE MOUNT DUAL, MATCHED PNP SILICON TRANSISTORS
CFMS4 CENTRAL-CFMS4 Datasheet
79Kb / 2P
   SURFACE MOUNT DUAL, COMMON BASE, SILICON PNP TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com