Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD1LB500 Datasheet(PDF) 10 Page - Rohm

Part # BD1LB500
Description  In-Vehicle 1ch Low Side Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1LB500 Datasheet(HTML) 10 Page - Rohm

Back Button BD1LB500 Datasheet HTML 6Page - Rohm BD1LB500 Datasheet HTML 7Page - Rohm BD1LB500 Datasheet HTML 8Page - Rohm BD1LB500 Datasheet HTML 9Page - Rohm BD1LB500 Datasheet HTML 10Page - Rohm BD1LB500 Datasheet HTML 11Page - Rohm BD1LB500 Datasheet HTML 12Page - Rohm BD1LB500 Datasheet HTML 13Page - Rohm BD1LB500 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Datasheet
Datasheet
10/16
BD1LB500 Series
TSZ02201-0G3G0BD00040-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.04.01 Rev.006
www.rohm.co.jp
TSZ22111・15・001
Switching Time Measurement
Timing Chart with Inductive Load
Figure 16. Switching Time
Figure 17.Timing Chart with Inductive Load
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100 125 150
Tj [°C]
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
-50-25
0
25
50
75100 125 150
Tj [℃]
ON threshold
OFF threshold
Figure 14. Input Voltage Threshold Characteristic
[Temperature Characteristic]
Figure 15. Output Leak Current [Temperature
Characteristic]
(VIN=0V)
Input voltage
Error flag
Output voltage
Output current


Similar Part No. - BD1LB500

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C_15 Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
BD1LB500FVM-C ROHM-BD1LB500FVM-C Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
More results

Similar Description - BD1LB500

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C_15 Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
BV1LB150FJ-C ROHM-BV1LB150FJ-C Datasheet
870Kb / 20P
   1ch Low Side Switch IC
BV1LB300FJ-C ROHM-BV1LB300FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LB085FJ-C ROHM-BV1LB085FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LC105FJ-C ROHM-BV1LC105FJ-C Datasheet
1Mb / 26P
   1ch/2ch Low Side Switch IC
BV1LA025EFJ-C ROHM-BV1LA025EFJ-C Datasheet
1Mb / 26P
   Automotive IPD 1ch Low Side Switch
19.Aug.2020 Rev.001
BV1LB045FPJ-C ROHM-BV1LB045FPJ-C Datasheet
1Mb / 24P
   Automotive IPD 1ch Low Side Switch
BD1HC500EFJ-C ROHM-BD1HC500EFJ-C Datasheet
829Kb / 22P
   1ch High-side switch
BD1HX500 ROHM-BD1HX500 Datasheet
826Kb / 21P
   1ch High-side switch
BV1HV050FJ-C ROHM-BV1HV050FJ-C Datasheet
1Mb / 33P
   1ch High Side Switch
20.Jan.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com