Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD1LB500 Datasheet(PDF) 1 Page - Rohm

Part # BD1LB500
Description  In-Vehicle 1ch Low Side Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1LB500 Datasheet(HTML) 1 Page - Rohm

  BD1LB500 Datasheet HTML 1Page - Rohm BD1LB500 Datasheet HTML 2Page - Rohm BD1LB500 Datasheet HTML 3Page - Rohm BD1LB500 Datasheet HTML 4Page - Rohm BD1LB500 Datasheet HTML 5Page - Rohm BD1LB500 Datasheet HTML 6Page - Rohm BD1LB500 Datasheet HTML 7Page - Rohm BD1LB500 Datasheet HTML 8Page - Rohm BD1LB500 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Datasheet
Product configuration: Silicon monolithic integrated circuit ○The product is not designed for radiation resistance.
1/16
TSZ02201-0G3G0BD00040-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.04.01 Rev.006
www.rohm.co.jp
TSZ22111・14・001
1ch Low Side Switch IC
In-Vehicle 1ch Low Side Switch
BD1LB500 Series
(BD1LB500EFJ-C
BD1LB500FVM-C)
Features
Built-in overcurrent limiting circuit
Built-in thermal shutdown circuit (TSD)
Built-in open load detection circuit (at output OFF)
Enables direct control from CMOS logic ICs, etc.
Low standby current
Built-in under voltage lock out circuit
Built-in diagnostic output (ST) terminal
Low ON resistance RDS(ON)=350mΩ(Typ) (VDD=IN=5V,
Ta=25°C, IOUT=0.25A)
Built-in overvoltage protection(active clamp) for output
circuit
Monolithic power IC in which the control unit (CMOS)
and power MOS FET are incorporated into one chip
1ch low side switch for driving mechanical relay coil
AEC-Q100 Qualified
(1)
(1) Grade1
Overview
BD1LB500 Series is an in-vehicle 1ch low side switch.
This switch builds in the overcurrent limiting circuit,
thermal shutdown circuit, open load detection circuit and
under voltage lock out circuit. It also provides the
diagnostic output circuit when an abnormality is
detected.
Application
In-vehicle application (Air conditioners, body devices,
meters, etc.)
Specifications
Operating voltage range
3.5V to 5.5V
ON resistance (25°C, Typ.)
350mΩ
Overcurrent limitation (Typ.)
1.50A
Active clamp energy (25°C)
25mJ
Package
HTSOP-J8
4.90mm x 6.00mm x 1.00mm
MSOP8
2.90mm x 4.00mm x 0.90mm
Basic Application Circuit (Recommendation)
(2) When the open detection function is required, an external resistance must be added between DRAIN terminal and SOURCE terminal.
(3) It is necessary to detect unusual state(ST terminal is low) when VDD terminal is opened.
MSOP8
HTSOP-J8
8
1
2
3
4
7
6
5
Logic
Under voltage
lock out
Open load
detection
Overvoltage
protection
Over current
Limit
DRAIN
DRAIN
IN
SOURCE (GND)
SOURCE
(GND)
ST
10k
VDD
VDD
N.C.
0.1µF
(2)
Rext
RL
VBAT
(3)


Similar Part No. - BD1LB500

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C_15 Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
BD1LB500FVM-C ROHM-BD1LB500FVM-C Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
More results

Similar Description - BD1LB500

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C_15 Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
BV1LB150FJ-C ROHM-BV1LB150FJ-C Datasheet
870Kb / 20P
   1ch Low Side Switch IC
BV1LB300FJ-C ROHM-BV1LB300FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LB085FJ-C ROHM-BV1LB085FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LC105FJ-C ROHM-BV1LC105FJ-C Datasheet
1Mb / 26P
   1ch/2ch Low Side Switch IC
BV1LA025EFJ-C ROHM-BV1LA025EFJ-C Datasheet
1Mb / 26P
   Automotive IPD 1ch Low Side Switch
19.Aug.2020 Rev.001
BV1LB045FPJ-C ROHM-BV1LB045FPJ-C Datasheet
1Mb / 24P
   Automotive IPD 1ch Low Side Switch
BD1HC500EFJ-C ROHM-BD1HC500EFJ-C Datasheet
829Kb / 22P
   1ch High-side switch
BD1HX500 ROHM-BD1HX500 Datasheet
826Kb / 21P
   1ch High-side switch
BV1HV050FJ-C ROHM-BV1HV050FJ-C Datasheet
1Mb / 33P
   1ch High Side Switch
20.Jan.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com