Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD1HD500EFJ-C Datasheet(PDF) 9 Page - Rohm

Part # BD1HD500EFJ-C
Description  1ch High-side switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1HD500EFJ-C Datasheet(HTML) 9 Page - Rohm

Back Button BD1HD500EFJ-C Datasheet HTML 5Page - Rohm BD1HD500EFJ-C Datasheet HTML 6Page - Rohm BD1HD500EFJ-C Datasheet HTML 7Page - Rohm BD1HD500EFJ-C Datasheet HTML 8Page - Rohm BD1HD500EFJ-C Datasheet HTML 9Page - Rohm BD1HD500EFJ-C Datasheet HTML 10Page - Rohm BD1HD500EFJ-C Datasheet HTML 11Page - Rohm BD1HD500EFJ-C Datasheet HTML 12Page - Rohm BD1HD500EFJ-C Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Datasheet
Datasheet
9/18
BD1Hx500 Series
TSZ02201-0G3G0BD00070-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.04.15 Rev.002
www.rohm.com
TSZ22111・15・001
Typical Performance Curves
(unless otherwise specified, VDD=12V, VIN=5V, Tj=25°C)
Figure 10. Switching Time (tON)[temperature characteristic]
Figure 11. Switching Time (tOFF)[temperature characteristic]
Figure 12. Slew Rate ON [temperature characteristic]
Figure 13. Slew Rate OFF [temperature characteristic]
0.0
5.0
10.0
15.0
20.0
25.0
-50 -25
0
25
50
75 100 125 150
Tj [°C]
0.0
5.0
10.0
15.0
20.0
25.0
-50-25
0
25
50
75100 125 150
Tj [°C]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
-25
0
25
50
75
100 125 150
Tj [°C]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50-25
0
25
50
75100 125 150
Tj [°C]


Similar Part No. - BD1HD500EFJ-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1HD500EFJ-C ROHM-BD1HD500EFJ-C Datasheet
829Kb / 22P
   1ch High-side switch
BD1HD500EFJ-C ROHM-BD1HD500EFJ-C Datasheet
1Mb / 21P
   1ch High-side switch
2022.05.10 Rev.004
BD1HD500EFJ-CE2 ROHM-BD1HD500EFJ-CE2 Datasheet
1Mb / 21P
   1ch High-side switch
2022.05.10 Rev.004
More results

Similar Description - BD1HD500EFJ-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1HC500EFJ-C ROHM-BD1HC500EFJ-C Datasheet
829Kb / 22P
   1ch High-side switch
BV1HV050FJ-C ROHM-BV1HV050FJ-C Datasheet
1Mb / 33P
   1ch High Side Switch
20.Jan.2023 Rev.001
BD1HX500 ROHM-BD1HX500_V01 Datasheet
1Mb / 21P
   1ch High-side switch
2022.05.10 Rev.004
BV1HD090FJ-C ROHM-BV1HD090FJ-C Datasheet
1Mb / 23P
   1ch High-side Switch IC
27.Dec2016 Rev.001
BUS1DJC0GWZ ROHM-BUS1DJC0GWZ Datasheet
669Kb / 23P
   1ch Ultra Small High Side Load Switch
BV1LB150FJ-C ROHM-BV1LB150FJ-C Datasheet
870Kb / 20P
   1ch Low Side Switch IC
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BV1LB300FJ-C ROHM-BV1LB300FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LB085FJ-C ROHM-BV1LB085FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com