Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9B331GWZ Datasheet(PDF) 1 Page - Rohm

Part # BD9B331GWZ
Description  Fast transient response with On time control system
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9B331GWZ Datasheet(HTML) 1 Page - Rohm

  BD9B331GWZ Datasheet HTML 1Page - Rohm BD9B331GWZ Datasheet HTML 2Page - Rohm BD9B331GWZ Datasheet HTML 3Page - Rohm BD9B331GWZ Datasheet HTML 4Page - Rohm BD9B331GWZ Datasheet HTML 5Page - Rohm BD9B331GWZ Datasheet HTML 6Page - Rohm BD9B331GWZ Datasheet HTML 7Page - Rohm BD9B331GWZ Datasheet HTML 8Page - Rohm BD9B331GWZ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/27
TSZ02201-0J3J0AJ00810-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
27.MAY.2015 Rev.002
TSZ22111 • 14 • 001
www.rohm.com
Figure 1. Typical Application Circuit
2.7V to 5.5V Input ,3A Integrated MOSFET
Single Synchronous Buck DC/DC Converter
BD9B331GWZ
General Description
ROHM’s
high
efficiency
switching
regulator,
BD9B331GWZ, is a step-down converter designed to
produce a low voltage output of 0.6V~3.3V from a
2.7V~5.5V power supply line. It offers high efficiency in
all load ranges by automatic PFM/PWM adjustment. It
employs an On time control system to provide faster
transient response to sudden change in load.
Features
Fast transient response with On time control system.
High efficiency for all load range with synchronous
rectifier (Nch/Nch FET) and adaptive PFM/PWM
system.
Adjustable Soft-start function.
Thermal and UVLO protection.
Short-circuit current protection with pulse count
Shutdown function.
Applications
Power supply for LSI including SoC, DSP,
Micro computer and ASIC
Laptop PC / Tablet PC / Server
LCD TV, Storage Devices (HDD / SSD)
Printer
Amusement
Secondary power supply
Key Specifications
Input Voltage Range:
2.7V to 5.5V
Output Voltage Range:
0.6V to PVCC×0.8V
Output Current:
3.0A (Max)
Switching Frequency:
1.3MHz(Typ)
High Side FET ON Resistance:
23mΩ(Typ)
Low Side FET ON Resistance:
23mΩ(Typ)
Standby Current:
0µA (Typ)
Operating Temperature Range:
-40°C to +85°C
Package(s)
W(Typ) x D(Typ) x H(Max)
UCSP30L1:
1.98mm x 1.80mm x 0.33mm
.
Typical Application Circuit(s)
UCSP30L1
SW
AGND
PVCC
AVCC
EN
L
COUT
VOUT
CBST
FB
SS
BST
PGD
PGD
VIN
BD9B331GWZ
CIN
CSS
EN
RES
PGND


Similar Part No. - BD9B331GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9B333GWZ ROHM-BD9B333GWZ Datasheet
4Mb / 43P
   2.7V to 5.5V Input, 3.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
16.Jun.2017 Rev.001
BD9B333GWZ-E2 ROHM-BD9B333GWZ-E2 Datasheet
4Mb / 43P
   2.7V to 5.5V Input, 3.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
16.Jun.2017 Rev.001
More results

Similar Description - BD9B331GWZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6675 STMICROELECTRONICS-PM6675 Datasheet
656Kb / 47P
   Very fast load transient response using constant on-time control loop
January 2007 Rev 1
logo
Everlight Electronics C...
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
   Fast response time
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
   Fast response time
EAITRCA7 EVERLIGHT-EAITRCA7 Datasheet
343Kb / 8P
   Fast response time
EAPDST6048A0 EVERLIGHT-EAPDST6048A0 Datasheet
389Kb / 9P
   Fast response time
EAITRAA0 EVERLIGHT-EAITRAA0 Datasheet
447Kb / 7P
   Fast response time
EAITRCA5 EVERLIGHT-EAITRCA5 Datasheet
305Kb / 7P
   Fast response time
EAITRCA6 EVERLIGHT-EAITRCA6 Datasheet
319Kb / 7P
   Fast response time
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
   Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com