Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8665GW Datasheet(PDF) 3 Page - Rohm

Part # BD8665GW
Description  Integrated Input Detection
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8665GW Datasheet(HTML) 3 Page - Rohm

  BD8665GW Datasheet HTML 1Page - Rohm BD8665GW Datasheet HTML 2Page - Rohm BD8665GW Datasheet HTML 3Page - Rohm BD8665GW Datasheet HTML 4Page - Rohm BD8665GW Datasheet HTML 5Page - Rohm BD8665GW Datasheet HTML 6Page - Rohm BD8665GW Datasheet HTML 7Page - Rohm BD8665GW Datasheet HTML 8Page - Rohm BD8665GW Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
3/32
BD8664GW
BD8665GW
BD8668GW
TSZ02201-0A1A0AZ00130-1-2
15.Apr.2015 Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
A
B
C
D
E
1
2
3
4
5
EN
VBUS
ISNS
PGOOD
VBUSLIM
ICOMP
VBUS
OK
ISETIN
1
ISETIN
3
FSET
SW1
VCOMP
ISETIN
2
ISET
OUT2
PGND
ACLEN
GND
ISET
OUT1
VFB
SW2
Pin Configuration (TOP VIEW)
Pin Description
BD8664GW / BD8665GW
No.
Name
I/O
Description
A1
EN
I
Charging ON/OFF
A2
VBUS
I
Power input
A3
ISNS
I
Current sensing
A4
PGOOD
O
Power GOOD output
A5
VBUSLIM
O
VBUS current limiter output
B1
ICOMP
O
Pin for phase compensation of constant current
B2
VBUSOK
O
VBUSOK output
B3
-
-
-
B4
ISETIN1
I
Current setting pin1
B5
ISETIN3
I
Current setting pin3
C1
FSET
I
Frequency setting pin
C2
-
-
-
C3
-
-
-
C4
-
-
-
C5
SW1
O
Inductor connection pin1
D1
VCOMP
O
Pin for phase compensation of constant current connection
D2
ISETIN2
I
Current setting pin2
D3
-
-
-
D4
ISETOUT2
O
Current setting output2
D5
PGND
I
Power GND(0.0V)
E1
ACLEN
I
Automatic current ON/OFF
selection pin
E2
GND
I
GND(0.0V)
E3
ISETOUT1
O
Current setting output 1
E4
VFB
I
Feedback pin of CV charging voltage
E5
SW2
O
Inductor connection pin2
No upper ESD protection diodes are connected to ISETIN1, ISETIN2, ISETIN3, and EN.
A
B
C
D
E
1
2
3
4
5
VBUS
VBUS
ISNS
PGOOD
VBUSLIM
ICOMP
EN
ISETIN
3
VBUS
OK
SW1
FSET
ISETIN
1
ISETIN
2
ISET
OUT2
PGND
GND
GND
VCOMP
VFB
SW2
ACLEN
GND
GND
VFB
ISET
OUT1
BD8668GW
BD8664GW / BD8665GW


Similar Part No. - BD8665GW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD866 SIEMENS-BD866 Datasheet
111Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
More results

Similar Description - BD8665GW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD188BI AD-ADPD188BI Datasheet
1Mb / 62P
   Integrated Optical Module for Smoke Detection
logo
WAGO Kontakttechnik Gmb...
750-424 WAGO-750-424 Datasheet
478Kb / 12P
   2-channel digital input; Intruder detection
logo
Maxim Integrated Produc...
MAX14646E MAXIM-MAX14646E Datasheet
1Mb / 26P
   USB Charger Detection with Integrated Overvoltage Protector
2012
MAX20332 MAXIM-MAX20332_V01 Datasheet
1Mb / 27P
   USB Charger Detection with Integrated Overvoltage Protector
2018
MAX14592E MAXIM-MAX14592E Datasheet
1Mb / 26P
   USB Charger Detection with Integrated Overvoltage Protector
Rev 2 3/12
MAX14656 MAXIM-MAX14656 Datasheet
422Kb / 3P
   USB Charger Detection with Integrated Overvoltage Protector
Rev 0; 12/12
logo
MORNSUN Science& Techno...
TD100-EX-485-RE MORNSUN-TD100-EX-485-RE Datasheet
470Kb / 3P
   DETECTION SAFETY BARRIER RS485 INPUT RS485 OUTPUT
logo
Texas Instruments
TIC12400 TI1-TIC12400 Datasheet
1Mb / 137P
[Old version datasheet]   24-Input Multiple Switch Detection Interface (MSDI) Device With Integrated ADC and Adjustable Wetting Current
logo
Infineon Technologies A...
KP106 INFINEON-KP106 Datasheet
155Kb / 2P
   Integrated Pressure Sensor IC for Side Crash Detection
logo
NTE Electronics
NTE15044 NTE-NTE15044 Datasheet
19Kb / 2P
   Integrated Circuit CMOS, LSI for Supply Voltage Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com