Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD82006FVJ-MGE2 Datasheet(PDF) 7 Page - Rohm

Part # BD82006FVJ-MGE2
Description  AEC-Q100 Qualified
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD82006FVJ-MGE2 Datasheet(HTML) 7 Page - Rohm

Back Button BD82006FVJ-MGE2 Datasheet HTML 3Page - Rohm BD82006FVJ-MGE2 Datasheet HTML 4Page - Rohm BD82006FVJ-MGE2 Datasheet HTML 5Page - Rohm BD82006FVJ-MGE2 Datasheet HTML 6Page - Rohm BD82006FVJ-MGE2 Datasheet HTML 7Page - Rohm BD82006FVJ-MGE2 Datasheet HTML 8Page - Rohm BD82006FVJ-MGE2 Datasheet HTML 9Page - Rohm BD82006FVJ-MGE2 Datasheet HTML 10Page - Rohm BD82006FVJ-MGE2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/23
05.Feb.2015 Rev.001
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0GGG0H300020-1-2
BD82006FVJ-M
BD82007FVJ-M
Typical Performance Curves - continued
Figure 8. EN, /EN Input Voltage vs
Supply Voltage
Figure 9. EN, /EN Input Voltage vs
Ambient Temperature
Figure 10. ON-Resistance vs Supply Voltage
Figure 11. ON-Resistance vs Ambient Temperature
0
50
100
150
200
-50
0
50
100
Ambient Temperature : Ta[℃]
VIN=5.0V
0
50
100
150
200
2
3
4
5
6
Supply Voltage : VIN[V]
Ta=25°C
0.0
0.5
1.0
1.5
2.0
2
3
4
5
6
Supply Voltage : VIN[V]
Low to High
High to Low
Ta=25°C
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
Ambient Temperature : Ta[℃]
VIN=5.0V
High to Low
Low to High


Similar Part No. - BD82006FVJ-MGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82000FVJ ROHM-BD82000FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BD82000FVJ ROHM-BD82000FVJ Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
BD82000FVJ-E2 ROHM-BD82000FVJ-E2 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ-E2 ROHM-BD82000FVJ-E2 Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
More results

Similar Description - BD82006FVJ-MGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com