Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD82007FVJ-MGE2 Datasheet(PDF) 18 Page - Rohm

Part # BD82007FVJ-MGE2
Description  AEC-Q100 Qualified
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD82007FVJ-MGE2 Datasheet(HTML) 18 Page - Rohm

Back Button BD82007FVJ-MGE2 Datasheet HTML 14Page - Rohm BD82007FVJ-MGE2 Datasheet HTML 15Page - Rohm BD82007FVJ-MGE2 Datasheet HTML 16Page - Rohm BD82007FVJ-MGE2 Datasheet HTML 17Page - Rohm BD82007FVJ-MGE2 Datasheet HTML 18Page - Rohm BD82007FVJ-MGE2 Datasheet HTML 19Page - Rohm BD82007FVJ-MGE2 Datasheet HTML 20Page - Rohm BD82007FVJ-MGE2 Datasheet HTML 21Page - Rohm BD82007FVJ-MGE2 Datasheet HTML 22Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18/23
05.Feb.2015 Rev.001
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0GGG0H300020-1-2
BD82006FVJ-M
BD82007FVJ-M
Power Dissipation
(TSSOP-B8J)
Mounted on 70mm x 70mm x 1.6mm glass epoxy board.
Figure 42. Power Dissipation Curve (Pd-Ta Curve)
I/O Equivalence Circuit
Symbol
Pin No
Equivalence Circuit
EN(/EN)
4
/OC
5
OUT
6,7,8
0
100
200
300
400
500
600
0
25
50
75
100
125
150
AMBIENT TEMPERATURE: Ta [
℃]
Ambient Temperature: Ta[°C]


Similar Part No. - BD82007FVJ-MGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82000FVJ ROHM-BD82000FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BD82000FVJ ROHM-BD82000FVJ Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
BD82000FVJ-E2 ROHM-BD82000FVJ-E2 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ-E2 ROHM-BD82000FVJ-E2 Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
More results

Similar Description - BD82007FVJ-MGE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com