Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1970 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1970
Description  500mA Power Op Amp with Adjustable Precision Current Limit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1970 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1970_15 Datasheet HTML 4Page - Linear Technology LT1970_15 Datasheet HTML 5Page - Linear Technology LT1970_15 Datasheet HTML 6Page - Linear Technology LT1970_15 Datasheet HTML 7Page - Linear Technology LT1970_15 Datasheet HTML 8Page - Linear Technology LT1970_15 Datasheet HTML 9Page - Linear Technology LT1970_15 Datasheet HTML 10Page - Linear Technology LT1970_15 Datasheet HTML 11Page - Linear Technology LT1970_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT1970
8
1970fd
For more information www.linear.com/LT1970
PIN FUNCTIONS
VEE (Pins 1, 10, 11, 20, Package Base): Minus Supply
Voltage. VEE connects to the substrate of the integrated
circuitdie,andthereforemustalwaysbethemostnegative
voltage applied to the part. Decouple VEE to ground with
a low ESR capacitor. VEE may be a negative voltage or it
may equal ground potential. Any or all of the VEE pins may
be used. Unused VEE pins must remain open.
V(Pin 2): Output Stage Negative Supply. Vmay equal
VEE or may be smaller in magnitude. Only output stage
current flows out of V, all other current flows out of VEE.
Vmay be used to drive the base/gate of an external power
devicetoboosttheamplifier’soutputcurrenttolevelsabove
the rated 500mA of the on-chip output devices. Unless
used to drive boost transistors, Vshould be decoupled
to ground with a low ESR capacitor.
OUT (Pin 3): Amplifier Output. The OUT pin provides the
force function as part of a Kelvin sensed load connection.
OUT is normally connected directly to an external load cur-
rentsenseresistorandtheSENSE+pin.Amplifierfeedback
is directly connected to the load and the other end of the
current sense resistor. The load connection is also wired
directly to the SENSEpin to monitor the load current.
The OUT pin is current limited to ±800mA typical. This
current limit protects the output transistor in the event
that connections to the external sense resistor are
opened or shorted which disables the precision current
limit function.
SENSE+ (Pin 4): Positive Current Sense Pin. This lead is
normally connected to the driven end of the external sense
resistor. Sourcing current limit operation is activated when
the voltage VSENSE (VSENSE+ – VSENSE–) equals 1/10 of
the programming control voltage at VCSRC (Pin 13). Sink-
ing current limit operation is activated when the voltage
VSENSE equals –1/10 of the programming control voltage
at VCSNK (Pin 12).
FILTER (Pin 5): Current Sense Filter Pin. This pin is
normally not used and should be left open or shorted to
the SENSEpin. The FILTER pin can be used to adapt the
response time of the current sense amplifiers with a 1nF
to 100nF capacitor connected to the SENSEinput. An
internal 1k resistor sets the filter time constant.
SENSE(Pin 6): Negative Current Sense Pin. This pin is
normally connected to the load end of the external sense
resistor.Sourcingcurrentlimitoperationisactivatedwhen
the voltage VSENSE (VSENSE+ – VSENSE–) equals 1/10 of
the programming control voltage at VCSRC (Pin 13). Sink-
ing current limit operation is activated when the voltage
VSENSE equals –1/10 of the programming control voltage
at VCSNK (Pin 12).
VCC (Pin 7): Positive Supply Voltage. All circuitry except
the output transistors draw power from VCC. Total sup-
ply voltage from VCC to VEE must be between 3.5V and
36V. VCC must always be greater than or equal to V+. VCC
should always be decoupled to ground with a low ESR
capacitor.
–IN (Pin 8): Inverting Input of Amplifier. –IN may be any
voltage from VEE – 0.3V to VEE + 36V. –IN and +IN remain
high impedance at all times to prevent current flow into
the inputs when current limit mode is active. Care must
be taken to insure that –IN or +IN can never go to a volt-
age below VEE – 0.3V even during transient conditions or
damage to the circuit may result. A Schottky diode from
VEE to –IN can provide clamping if other elements in the
circuit can allow –IN to go below VEE.
+IN(Pin9):NoninvertingInputofAmplifier.+INmaybeany
voltage from VEE – 0.3V to VEE + 36V. –IN and +IN remain
high impedance at all times to prevent current flow into
the inputs when current limit mode is active. Care must
be taken to insure that –IN or +IN can never go to a volt-
age below VEE – 0.3V even during transient conditions or
damage to the circuit may result. A Schottky diode from
VEE to +IN can provide clamping if other elements in the
circuit can allow +IN to go below VEE.


Similar Part No. - LT1970_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1970 LINER-LT1970_1 Datasheet
548Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
More results

Similar Description - LT1970_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1970A LINER-LT1970A Datasheet
264Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970 Datasheet
233Kb / 12P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_1 Datasheet
548Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970A LINER-LT1970A_15 Datasheet
271Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
logo
Maxim Integrated Produc...
MAX20313 MAXIM-MAX20313 Datasheet
667Kb / 14P
   Adjustable Current Limit (500mA to 6A)
Rev 0; 6/17
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com