Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRP40N08K Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HRP40N08K
Description  80V N-Channel Trench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRP40N08K Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HRP40N08K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRP40N08K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRP40N08K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRP40N08K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRP40N08K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRP40N08K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRP40N08K Datasheet HTML 7Page - SemiHow Co.,Ltd. HRP40N08K Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
◎ SEMIHOW REV.A0,Jan 2015
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0
40
80
120
160
200
0
2
4
6
8
10
12
V
DS = 64V
I
D = 30V
Q
G, Total Gate Charge [nC]
0
100
200
300
400
2.8
3.0
3.2
3.4
V
GS = 10V
∗ Note : T
J = 25
oC
I
D, Drain Current [A]
10
0
10
1
10
1
10
2
V
GS
Top :
15 V
10 V
8 V
7 V
6 V
5.5 V
5 V
Bottom : 4.5 V
* Notes :
1. 300us Pulse Test
2. T
C = 25
oC
V
DS, Drain-Source Voltage [V]
0
2
4
6
8
10
0.1
1
10
100
25
oC
* Notes :
1. V
DS= 20V
2. 300us Pulse Test
V
GS, Gate-Source Voltage [V]
175
oC
0.0
0.4
0.8
1.2
1.6
2.0
0.1
1
10
100
25
oC
* Notes :
1. V
GS= 0V
2. 300us Pulse Test
V
SD, Source-Drain Voltage [V]
175
oC
10
-1
10
0
10
1
0
2000
4000
6000
8000
10000
12000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]


Similar Part No. - HRP40N08K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP45N06K SEMIHOW-HRP45N06K Datasheet
1Mb / 8P
   60V N-Channel Trench MOSFET
HRP45N08K SEMIHOW-HRP45N08K Datasheet
923Kb / 8P
   80V N-Channel Trench MOSFET
logo
SHENZHEN DOINGTER SEMIC...
HRP45N08K DOINGTER-HRP45N08K Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
SemiHow Co.,Ltd.
HRP49N10H SEMIHOW-HRP49N10H Datasheet
454Kb / 7P
   100V N-Channel Trench MOSFET
More results

Similar Description - HRP40N08K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP80N08K SEMIHOW-HRP80N08K Datasheet
944Kb / 8P
   80V N-Channel Trench MOSFET
HRP85N08K SEMIHOW-HRP85N08K Datasheet
781Kb / 8P
   80V N-Channel Trench MOSFET
HRS56N08K SEMIHOW-HRS56N08K Datasheet
984Kb / 7P
   80V N-Channel Trench MOSFET
HRP100N08K SEMIHOW-HRP100N08K Datasheet
889Kb / 8P
   80V N-Channel Trench MOSFET
HRS80N08K SEMIHOW-HRS80N08K Datasheet
939Kb / 7P
   80V N-Channel Trench MOSFET
HRS85N08K SEMIHOW-HRS85N08K Datasheet
854Kb / 7P
   80V N-Channel Trench MOSFET
HRP45N08K SEMIHOW-HRP45N08K Datasheet
923Kb / 8P
   80V N-Channel Trench MOSFET
HRS45N08K SEMIHOW-HRS45N08K Datasheet
897Kb / 7P
   80V N-Channel Trench MOSFET
HRP56N08K SEMIHOW-HRP56N08K Datasheet
956Kb / 8P
   80V N-Channel Trench MOSFET
HRS88N08K SEMIHOW-HRS88N08K Datasheet
832Kb / 7P
   80V N-Channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com