Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRP88N08K Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HRP88N08K
Description  80V N-Channel Trench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRP88N08K Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HRP88N08K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRP88N08K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRP88N08K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRP88N08K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRP88N08K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRP88N08K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRP88N08K Datasheet HTML 7Page - SemiHow Co.,Ltd. HRP88N08K Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
◎ SEMIHOW REV.A0,December 2014
Electrical Characteristics T
J=25 °C unless otherwise specified
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
I
S
Continuous Source-Drain Diode Forward Current
--
--
80
A
I
SM
Pulsed Source-Drain Diode Forward Current
--
--
280
V
SD
Source-Drain Diode Forward Voltage
I
S = 30 A, VGS = 0 V
--
--
1.3
V
trr
Reverse Recovery Time
I
S = 30 A, VGS = 0 V
di
F/dt = 100 A/μs
--
45
--
Qrr
Reverse Recovery Charge
--
65
--
nC
On Characteristics
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 ㎂
80
--
--
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 64 V, VGS = 0 V
--
--
1
V
DS = 64 V, TJ = 125℃
--
--
100
I
GSS
Gate-Body Leakage Current
V
GS = ±25 V, VDS = 0 V
--
--
±100
Off Characteristics
C
iss
Input Capacitance
V
DS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
3700
--
C
oss
Output Capacitance
--
270
--
C
rss
Reverse Transfer Capacitance
--
240
--
R
g
Gate Resistance
V
GS = 0 V, VDS = 0 V, f = 1MHz
--
1.7
--
Dynamic Characteristics
t
d(on)
Turn-On Time
V
DS = 40 V, ID = 30 A,
R
G = 6 Ω
--
60
--
t
r
Turn-On Rise Time
--
60
--
t
d(off)
Turn-Off Delay Time
--
150
--
t
f
Turn-Off Fall Time
--
50
--
Q
g
Total Gate Charge
V
DS = 64 V, ID = 30 A,
V
GS = 10 V
--
75
--
nC
Q
gs
Gate-Source Charge
--
20
--
nC
Q
gd
Gate-Drain Charge
--
25
--
nC
Switching Characteristics
Source-Drain Diode Maximum Ratings and Characteristics
V
GS
Gate Threshold Voltage
V
DS = VGS, ID = 250 ㎂
2.2
--
3.8
V
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 40 A
--
7.4
8.8
m
g
FS
Forward Transconductance
V
DS = 20, ID = 40 A
--
80
--
S
Notes :
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=1mH, I
AS=20A, VDD=25V, RG=25Ω, Starting TJ =25°C


Similar Part No. - HRP88N08K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP80N06K SEMIHOW-HRP80N06K Datasheet
980Kb / 8P
   60V N-Channel Trench MOSFET
HRP80N08K SEMIHOW-HRP80N08K Datasheet
944Kb / 8P
   80V N-Channel Trench MOSFET
logo
SHENZHEN DOINGTER SEMIC...
HRP80N08K DOINGTER-HRP80N08K Datasheet
2Mb / 4P
   N-Channel MOSFET uses advanced SGT technology
logo
SemiHow Co.,Ltd.
HRP82N10K SEMIHOW-HRP82N10K Datasheet
878Kb / 8P
   100V N-Channel Trench MOSFET
HRP85N06K SEMIHOW-HRP85N06K Datasheet
824Kb / 8P
   60V N-Channel Trench MOSFET
More results

Similar Description - HRP88N08K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP80N08K SEMIHOW-HRP80N08K Datasheet
944Kb / 8P
   80V N-Channel Trench MOSFET
HRP85N08K SEMIHOW-HRP85N08K Datasheet
781Kb / 8P
   80V N-Channel Trench MOSFET
HRS56N08K SEMIHOW-HRS56N08K Datasheet
984Kb / 7P
   80V N-Channel Trench MOSFET
HRP100N08K SEMIHOW-HRP100N08K Datasheet
889Kb / 8P
   80V N-Channel Trench MOSFET
HRS80N08K SEMIHOW-HRS80N08K Datasheet
939Kb / 7P
   80V N-Channel Trench MOSFET
HRS85N08K SEMIHOW-HRS85N08K Datasheet
854Kb / 7P
   80V N-Channel Trench MOSFET
HRP45N08K SEMIHOW-HRP45N08K Datasheet
923Kb / 8P
   80V N-Channel Trench MOSFET
HRS45N08K SEMIHOW-HRS45N08K Datasheet
897Kb / 7P
   80V N-Channel Trench MOSFET
HRP40N08K SEMIHOW-HRP40N08K Datasheet
793Kb / 8P
   80V N-Channel Trench MOSFET
HRP56N08K SEMIHOW-HRP56N08K Datasheet
956Kb / 8P
   80V N-Channel Trench MOSFET
HRS88N08K SEMIHOW-HRS88N08K Datasheet
832Kb / 7P
   80V N-Channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com