Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRS70N06K Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HRS70N06K
Description  60V N-Channel Trench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRS70N06K Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HRS70N06K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRS70N06K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRS70N06K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRS70N06K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRS70N06K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRS70N06K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRS70N06K Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
◎ SEMIHOW REV.A0,December 2014
BV
DSS = 60 V
R
DS(on) typ = 5.6mΩ
I
D = 80 A
FEATURES
HRS70N06K
60V N-Channel Trench MOSFET
 Originative New Design
 Superior Avalanche Rugged Technology
 Excellent Switching Characteristics
 Unrivalled Gate Charge : 100 nC (Typ.)
 Extended Safe Operating Area
 Lower R
DS(ON) : 5.6 mΩ (Typ.) @VGS=10V
 100% Avalanche Tested
December 2014
1.Gate 2. Drain 3. Source
Absolute Maximum Ratings
T
C=25℃ unless otherwise specified
Thermal Resistance Characteristics
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
60
V
I
D
Drain Current
– Continuous (T
C = 25℃)
80 *
A
Drain Current
– Continuous (T
C = 100℃)
56 *
A
I
DM
Drain Current
– Pulsed
(Note 1)
280 *
A
V
GS
Gate-Source Voltage
±25
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
415
mJ
E
AR
Repetitive Avalanche Energy
(Note 1)
3.3
mJ
P
D
Power Dissipation (T
C = 25℃)
- Derate above 25℃
33
W
0.4
W/℃
T
J, TSTG
Operating and Storage Temperature Range
-55 to +175
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
4.6
℃/W
RθJA
Junction-to-Ambient
--
62.5
* Drain current limited by maximum junction temperature
2
1
3
TO-220F


Similar Part No. - HRS70N06K

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
HRS70N06K DOINGTER-HRS70N06K Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - HRS70N06K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLF43N06H SEMIHOW-HRLF43N06H Datasheet
538Kb / 7P
   60V N-Channel Trench MOSFET
HRLO60N06H SEMIHOW-HRLO60N06H Datasheet
574Kb / 8P
   60V N-Channel Trench MOSFET
HRS370N10K SEMIHOW-HRS370N10K Datasheet
946Kb / 7P
   60V N-Channel Trench MOSFET
HRP45N06K SEMIHOW-HRP45N06K Datasheet
1Mb / 8P
   60V N-Channel Trench MOSFET
HRP58N06K SEMIHOW-HRP58N06K Datasheet
891Kb / 8P
   60V N-Channel Trench MOSFET
HRP70N06K SEMIHOW-HRP70N06K Datasheet
853Kb / 8P
   60V N-Channel Trench MOSFET
HRP130N06K SEMIHOW-HRP130N06K Datasheet
981Kb / 8P
   60V N-Channel Trench MOSFET
HRP39N06K SEMIHOW-HRP39N06K Datasheet
951Kb / 8P
   60V N-Channel Trench MOSFET
logo
Nexperia B.V. All right...
PMV230ENEA NEXPERIA-PMV230ENEA Datasheet
736Kb / 16P
   60V, N-channel Trench MOSFET
logo
SemiHow Co.,Ltd.
HRP80N06K SEMIHOW-HRP80N06K Datasheet
980Kb / 8P
   60V N-Channel Trench MOSFET
HRLF53N06H SEMIHOW-HRLF53N06H Datasheet
575Kb / 7P
   60V N-Channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com