Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA44 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # MPSA44
Description  SILICON HIGH VOLTAGE NPN TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

MPSA44 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  MPSA44 Datasheet HTML 1Page - Central Semiconductor Corp MPSA44 Datasheet HTML 2Page - Central Semiconductor Corp MPSA44 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MPSA44
MPSA45
SILICON
HIGH VOLTAGE
NPN TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR MPSA44 and
MPSA45 are silicon NPN transistors designed for
high voltage applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
MPSA44
MPSA45
UNITS
Collector-Base Voltage
VCBO
500
400
V
Collector-Emitter Voltage
VCEO
400
350
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
300
mA
Power Dissipation
PD
625
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
JA
200
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
MPSA44
MPSA45
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=400V
-
100
-
-
nA
ICBO
VCB=320V
-
-
-
100
nA
ICES
VCE=400V
-
500
-
-
nA
ICES
VCE=320V
-
-
-
500
nA
IEBO
VEB=4.0V
-
100
-
100
nA
BVCBO
IC=100μA
500
-
400
-
V
BVCES
IC=100μA
500
-
400
-
V
BVCEO
IC=1.0mA
400
-
350
-
V
BVEBO
IE=10μA
6.0
-
6.0
-
V
VCE(SAT)
IC=1.0mA, IB=0.1mA
-
0.40
-
0.40
V
VCE(SAT)
IC=10mA, IB=1.0mA
-
0.50
-
0.50
V
VCE(SAT)
IC=50mA, IB=5.0mA
-
0.75
-
0.75
V
VBE(SAT)
IC=10mA, IB=1.0mA
-
0.75
-
0.75
V
hFE
VCE=10V, IC=1.0mA
40
-
40
-
hFE
VCE=10V, IC=10mA
50
200
50
200
hFE
VCE=10V, IC=50mA
45
-
45
-
hFE
VCE=10V, IC=100mA
40
-
40
-
fT
VCE=10V, IC=10mA, f=10MHz
20
-
20
-
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
-
6.0
-
6.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
-
110
-
110
pF
TO-92 CASE
R1 (18-March 2014)
www.centr a lsemi.com


Similar Part No. - MPSA44

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA44 MOTOROLA-MPSA44 Datasheet
170Kb / 6P
   High Voltage Transistor
logo
NXP Semiconductors
MPSA44 NXP-MPSA44 Datasheet
112Kb / 6P
   NPN high-voltage transistor
2004 Oct 11
logo
First Silicon Co., Ltd
MPSA44 FS-MPSA44 Datasheet
176Kb / 3P
   TRANSISTOR (NPN)
logo
ON Semiconductor
MPSA44 ONSEMI-MPSA44 Datasheet
170Kb / 6P
   High Voltage Transistor(NPN Silicon)
1996
MPSA44 ONSEMI-MPSA44 Datasheet
71Kb / 5P
   High Voltage Transistor
August, 2006 ??Rev. 4
More results

Similar Description - MPSA44

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFN16 INFINEON-BFN16 Datasheet
47Kb / 5P
   NPN Silicon High-Voltage Transistors
Nov-30-2001
logo
Leshan Radio Company
MMBTA42LT1 LRC-MMBTA42LT1 Datasheet
102Kb / 3P
   High Voltage Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
99Kb / 4P
   High Voltage Transistors(NPN Silicon)
November, 2003 ??Rev. 5
logo
Leshan Radio Company
MMBT5550LT1 LRC-MMBT5550LT1 Datasheet
165Kb / 4P
   High Voltage Transistors(NPN Silicon)
logo
TRANSYS Electronics Lim...
2N3439 TEL-2N3439 Datasheet
62Kb / 2P
   NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Infineon Technologies A...
BFN24 INFINEON-BFN24_07 Datasheet
74Kb / 7P
   NPN Silicon High-Voltage Transistors
2007-04-20
BFN38 INFINEON-BFN38 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors
2007-03-29
logo
Siemens Semiconductor G...
SXTA42 SIEMENS-SXTA42 Datasheet
138Kb / 4P
   NPN Silicon High Voltage Transistors
logo
ON Semiconductor
MMBT5550LT1 ONSEMI-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors(NPN Silicon)
MPSA42 ONSEMI-MPSA42 Datasheet
85Kb / 4P
   High Voltage Transistors(NPN Silicon)
1998 REV 1
logo
New Jersey Semi-Conduct...
MJ410 NJSEMI-MJ410 Datasheet
133Kb / 2P
   High Voltage NPN Silicon Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com