Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSH10 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # MPSH10
Description  SILICON NPN RF TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

MPSH10 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  MPSH10_15 Datasheet HTML 1Page - Central Semiconductor Corp MPSH10_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPSH10
MPSH11
SILICON
NPN RF TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR MPSH10 and
MPSH11 are silicon NPN RF transistors manufactured
by the epitaxial planar process and designed for low
noise UHF/VHF amplifier and high output oscillator
applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
3.0
V
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=25V
100
nA
IEBO
VEB=2.0V
100
nA
BVCBO
IC=100μA
30
V
BVCEO
IC=1.0mA
25
V
BVEBO
IE=10μA
3.0
V
VCE(SAT)
IC=4.0mA, IB=0.4mA
0.50
V
VBE(ON)
VCE=10V, IB=4.0mA
0.95
V
hFE
VCE=10V, IC=4.0mA
60
fT
VCE=10V, IC=4.0mA, f=100MHz
650
MHz
Ccb
VCB=10V, IE=0, f=1.0MHz
0.70
pF
Crb
VCB=10V, IE=0, f=1.0MHz (MPSH10)
0.35
0.65
pF
Crb
VCB=10V, IE=0, f=1.0MHz (MPSH11)
0.60
0.90
pF
rb’Cc
VCB=10V, IC=4.0mA, f=31.8MHz
9.0
ps
TO-92 CASE
R0 (22-May 2013)
www.centr a lsemi.com


Similar Part No. - MPSH10_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSH10 UTC-MPSH10_15 Datasheet
193Kb / 4P
   RF TRANSISTOR
More results

Similar Description - MPSH10_15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF362 SIEMENS-BF362 Datasheet
34Kb / 2P
   NPN SILICON RF TRANSISTORS
logo
Motorola, Inc
BFR92ALT1 MOTOROLA-BFR92ALT1 Datasheet
54Kb / 2P
   RF TRANSISTORS NPN SILICON
BFR93ALT1 MOTOROLA-BFR93ALT1 Datasheet
54Kb / 2P
   RF TRANSISTORS NPN SILICON
logo
Central Semiconductor C...
BFX89 CENTRAL-BFX89 Datasheet
167Kb / 2P
   NPN SILICON RF TRANSISTORS
logo
Siemens Semiconductor G...
BF457 SIEMENS-BF457 Datasheet
122Kb / 4P
   NPN SILICON RF TRANSISTORS
logo
New Jersey Semi-Conduct...
BF254 NJSEMI-BF254 Datasheet
120Kb / 2P
   NPN Silicon RF Transistors
logo
Central Semiconductor C...
2N2857 CENTRAL-2N2857_15 Datasheet
552Kb / 2P
   NPN SILICON RF TRANSISTORS
logo
Zetex Semiconductors
BFS17L ZETEX-BFS17L Datasheet
44Kb / 2P
   NPN SILICON PLANAR RF TRANSISTORS
logo
Motorola, Inc
MRF1946 MOTOROLA-MRF1946 Datasheet
141Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
MRF422 MOTOROLA-MRF422 Datasheet
97Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com