Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD16936EFV-M Datasheet(PDF) 6 Page - Rohm

Part # BD16936EFV-M
Description  AEC-Q100 Qualified
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD16936EFV-M Datasheet(HTML) 6 Page - Rohm

Back Button BD16936EFV-M Datasheet HTML 2Page - Rohm BD16936EFV-M Datasheet HTML 3Page - Rohm BD16936EFV-M Datasheet HTML 4Page - Rohm BD16936EFV-M Datasheet HTML 5Page - Rohm BD16936EFV-M Datasheet HTML 6Page - Rohm BD16936EFV-M Datasheet HTML 7Page - Rohm BD16936EFV-M Datasheet HTML 8Page - Rohm BD16936EFV-M Datasheet HTML 9Page - Rohm BD16936EFV-M Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/20
BD16936EFV-M
TSZ02201-0G1G0B300360-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
19.Jun.2015 Rev.002
Electrical Characteristics (Unless otherwise specified, VVS1, VVS2, VVS3 = 8V to 36V,
VCC = 4.5V to 5.5V, Ta = -40°C to +110°C)
Parameter
Symbol
Specification
Unit
Conditions
Min
Typ
Max
Driver Output Timing
High side turn on time
ttonLH
-
-
33.0
μs
VVS1 = VVS2 = VVS3 = 12V,
RLOAD = Open
Low side turn on time
ttonHL
-
-
33.0
μs
VVS1 = VVS2 = VVS3 = 12V,
RLOAD = Open
OUT rise time
tLHR
-
1.0
8.0
μs
VVS1 = VVS2 = VVS3 = 12V,
RLOAD = Open
OUT fall time
tHLF
-
1.0
8.0
μs
VVS1 = VVS2 = VVS3 = 12V,
RLOAD = Open
Figure 4. Driver Output Timing ( Low⇒High)
Figure 5. Driver Output Timing ( High⇒Low)
CSB
OUT X
Low ⇒High
ttonLH
tLHR
90%
10%
CSB
OUT X
High ⇒ Low
ttonHL
tHLF
90%
10%


Similar Part No. - BD16936EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD16933EFV-C ROHM-BD16933EFV-C Datasheet
1Mb / 25P
   Automotive 3ch Half Bridge Driver
BD16933EFV-E2 ROHM-BD16933EFV-E2 Datasheet
1Mb / 25P
   Automotive 3ch Half Bridge Driver
More results

Similar Description - BD16936EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com