Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD16936EFV-M Datasheet(PDF) 9 Page - Rohm

Part # BD16936EFV-M
Description  AEC-Q100 Qualified
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD16936EFV-M Datasheet(HTML) 9 Page - Rohm

Back Button BD16936EFV-M Datasheet HTML 5Page - Rohm BD16936EFV-M Datasheet HTML 6Page - Rohm BD16936EFV-M Datasheet HTML 7Page - Rohm BD16936EFV-M Datasheet HTML 8Page - Rohm BD16936EFV-M Datasheet HTML 9Page - Rohm BD16936EFV-M Datasheet HTML 10Page - Rohm BD16936EFV-M Datasheet HTML 11Page - Rohm BD16936EFV-M Datasheet HTML 12Page - Rohm BD16936EFV-M Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/20
BD16936EFV-M
TSZ02201-0G1G0B300360-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
19.Jun.2015 Rev.002
Operation of Each Block
1. Serial Peripheral Interface: SPI
CSB
SDI
SCK
SDO
( TER=0 )
MSB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
0
MSB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
0
SDO
( TER=1 )
All "High"
X
X
X:Unstable state
TER (Internal Signal) :
” 0 ” in normal operation / ” 1 ” in detecting erroneous SPI transmission
16bit serial interface is equipped to control ON / OFF of driver and various protections as well as to read out the state of
protections. Input / Output register and its functions are described below.
(1) Input Data Register
Bit
Number
Name
Description
Bit Status
Initial
Value
15
SRR
Status Reset Register
( This bit is self clear )
0 : Normal
1 : Reset
0
14
HSC1
Control High side 1
0 : High side Off
1 : High side On
0
13
LSC1
Control Low side 1
0 : Low side Off
1 : Low side On
0
12
HSC2
Control High side 2
0 : High side Off
1 : High side On
0
11
LSC2
Control Low side 2
0 : Low side Off
1 : Low side On
0
10
HSC3
Control High side 3
0 : High side Off
1 : High side On
0
9
LSC3
Control Low side 3
0 : Low side Off
1 : Low side On
0
8
HSC4
Control High side 4
0 : High side Off
1 : High side On
0
7
LSC4
Control Low side 4
0 : Low side Off
1 : Low side On
0
6
HSC5
Control High side 5
0 : High side Off
1 : High side On
0
5
LSC5
Control Low side 5
0 : Low side Off
1 : Low side On
0
4
HSC6
Control High side 6
0 : High side Off
1 : High side On
0
3
LSC6
Control Low side 6
0 : Low side Off
1 : Low side On
0
2
TSDSTH
TSDS Register Mode
0 : Latch
1 : Through
0
1
PSSTH
OVPS / UVLOS Register Mode
0 : Latch
1 : Through
0
0
RESERVE
RESERVE
0 : Normal
1 : Prohibit
0
Input of High Side ON and Low Side ON via SPI control is prohibited. The input f High Side ON and Low Side ON results
in High Side OFF and Low Side OFF state.
Daisy chain is not recommended due to its reliability concern. Connect Chip Select (CSB) to each device and run by SPI
parallel control instead.
Figure11:SPI Communication Format


Similar Part No. - BD16936EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD16933EFV-C ROHM-BD16933EFV-C Datasheet
1Mb / 25P
   Automotive 3ch Half Bridge Driver
BD16933EFV-E2 ROHM-BD16933EFV-E2 Datasheet
1Mb / 25P
   Automotive 3ch Half Bridge Driver
More results

Similar Description - BD16936EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com