Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD93941EFV Datasheet(PDF) 5 Page - Rohm

Part # BD93941EFV
Description  LED pin rating 60V
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD93941EFV Datasheet(HTML) 5 Page - Rohm

  BD93941EFV Datasheet HTML 1Page - Rohm BD93941EFV Datasheet HTML 2Page - Rohm BD93941EFV Datasheet HTML 3Page - Rohm BD93941EFV Datasheet HTML 4Page - Rohm BD93941EFV Datasheet HTML 5Page - Rohm BD93941EFV Datasheet HTML 6Page - Rohm BD93941EFV Datasheet HTML 7Page - Rohm BD93941EFV Datasheet HTML 8Page - Rohm BD93941EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Datasheet
Datasheet
5/27
TSZ02201-0F1F0C100270-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
10.Oct.2013 Rev.001
www.rohm.com
TSZ22111・15・001
BD93941EFV BD93941FP
Pin Descriptions
(BD93941EFV)
Pin No
Pin Name
In/Out
Function
Rating [V]
1
AUTO
Out
Auto-restart time setting pin
-0.3 to 7
2
REG58
Out
Power supply for N pin
-0.3 to 7
3
CS
In
DC/DC output current detection and OCP detection pin
-0.3 to 7
4
N
Out
DC/DC switching output pin
-0.3 to 7
5
DCDC_GND
-
Power GND pin
-
6
OVP
In
Overvoltage protection detection pin
-0.3 to 36
7
STB
In
Enable pin
-0.3 to 36
8
LED1
Out
Output pin 1 for LED
-0.3 to 60
9
LED2
Out
Output pin 2 for LED
-0.3 to 60
10
LED_GND
-
Ground pin for LED
-
11
LED3
Out
Output pin 3 for LED
-0.3 to 60
12
LED4
Out
Output pin 4 for LED
-0.3 to 60
13
PWM
In
External PWM light modulation signal input pin for LED1-4
-0.3 to 36
14
ISET
Out
LED current setting resistor connection pin
-0.3 to 7
15
GND
-
Analog GND pin
-
16
SS
Out
Soft start pin / LED protection masking time setting pin.
-0.3 to 7
17
FB
In/Out
Error amp output pin
-0.3 to 7
18
RT
Out
DC/DC drive frequency setting resistor connection pin.
-0.3 to 7
19
ADIM
In
Analog dimming DC voltage input pin
-0.3 to 36
20
VCC
In
Power supply pin
-0.3 to 36
Pin Descriptions
(BD93941FP)
Pin No
Pin Name
In/Out
Function
Rating [V]
1
AUTO
Out
Auto-restart time setting pin
-0.3 ~ 7
2
REG58
Out
Power supply for N pin
-0.3 ~ 7
3
CS
In
DC/DC output current detection and OCP detection pin
-0.3 ~ 7
4
N
In
DC/DC switching output pin
-0.3 ~ 7
5
DCDC_GND
-
Power GND pin
-
FIN1
GND
-
-
6
OVP
In
Overvoltage protection detection pin
-0.3 ~ 36
7
STB
In
Enable pin
-0.3 ~ 36
8
LED1
Out
Output pin 1 for LED
-0.3 ~ 60
9
LED2
Out
Output pin 2 for LED
-0.3 ~ 60
10
LED_GND
-
Ground pin for LED
-
11
N.C.
-
Non connection pin
-
12
LED3
Out
Output pin 3 for LED
-0.3 ~ 60
13
LED4
Out
Output pin 4 for LED
-0.3 ~ 60
14
PWM
In
External PWM light modulation signal input pin for LED1-4
-0.3 ~ 36
15
ISET
Out
LED current setting resistor connection pin
-0.3 ~ 7
FIN2
GND
-
Analog GND pin
-
16
SS
Out
Soft start pin / LED protection masking time setting pin.
-0.3 ~ 7
17
FB
In/Out
Error amp output pin
-0.3 ~ 7
18
RT
Out
DC/DC drive frequency setting resistor connection pin.
-0.3 ~ 7
19
ADIM
In
Analog dimming DC voltage input pin
-0.3 ~ 36
20
VCC
In
Power supply pin
-0.3 ~ 36


Similar Part No. - BD93941EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD93941EFV ROHM-BD93941EFV Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD93941EFV ROHM-BD93941EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results

Similar Description - BD93941EFV

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP2260 SYNC-POWER-SP2260 Datasheet
267Kb / 7P
   60V Buck LED Driver
logo
Diodes Incorporated
AL5815 DIODES-AL5815 Datasheet
303Kb / 12P
   60V LINEAR LED CONTROLLER
logo
Linear Technology
LT3596 LINER-LT3596 Datasheet
435Kb / 20P
   60V Step-Down LED Driver
logo
Diodes Incorporated
AL5814 DIODES-AL5814 Datasheet
464Kb / 14P
   60V LINEAR DIMMABLE LED CONTROLLER
AL5810 DIODES-AL5810 Datasheet
932Kb / 13P
   ADJUSTABLE 60V LINEAR LED DRIVER
Rev. 2 - 2 June 2022
logo
Linear Technology
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
   60V Step-Down LED Driver
LT3762 LINER-LT3762 Datasheet
2Mb / 34P
   60V Synchronous Boost LED Controller
logo
Diodes Incorporated
AL5810Q DIODES-AL5810Q Datasheet
621Kb / 11P
   ADJUSTABLE 60V LINEAR LED DRIVER
AL8871Q DIODES-AL8871Q Datasheet
772Kb / 28P
   60V BUCK-BOOST LED CONTROLLER
August 2020
AL5817 DIODES-AL5817 Datasheet
400Kb / 13P
   60V LINEAR DIMMABLE LED CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com