Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD99010EFV-M Datasheet(PDF) 9 Page - Rohm

Part # BD99010EFV-M
Description  Simple Light Load Mode
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD99010EFV-M Datasheet(HTML) 9 Page - Rohm

Back Button BD99010EFV-M Datasheet HTML 5Page - Rohm BD99010EFV-M Datasheet HTML 6Page - Rohm BD99010EFV-M Datasheet HTML 7Page - Rohm BD99010EFV-M Datasheet HTML 8Page - Rohm BD99010EFV-M Datasheet HTML 9Page - Rohm BD99010EFV-M Datasheet HTML 10Page - Rohm BD99010EFV-M Datasheet HTML 11Page - Rohm BD99010EFV-M Datasheet HTML 12Page - Rohm BD99010EFV-M Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Datasheet
Datasheet
9/28
TSZ02201-0W1W0AL00030-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
07.Jul.2014 Rev.003
www.rohm.com
TSZ22111・15・001
BD99010EFV-M, BD99011EFV-M
Typical Performance Curves
Figure 10. Efficiency Log Scale
(BD99010EFV-M : VOUT.3.3V)
Figure 11. Efficiency Linear Scale
(BD99010EFV-M : VOUT.3.3V)
Figure 12. Efficiency Log Scale
(BD99011EFV-M : VOUT.5V)
Figure 13. Efficiency Linear Scale
(BD99011EFV-M: VOUT.5V)
SLLM
PWM
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000 10000
ILOAD Log scale [mA]
VIN=13.2V
f=400kHz
PWM
SLLM
60
65
70
75
80
85
90
95
100
0
500
1000
1500
2000
ILOAD Linear scale [mA]
VIN=13.2V
f=400kHz
SLLM
PWM
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000 10000
ILOAD Log scale [mA]
VIN=13.2V
f=400kHz
PWM
SLLM
60
65
70
75
80
85
90
95
100
0
500
1000
1500
2000
ILOAD Linear scale [mA]
VIN=13.2V
f=400kHz


Similar Part No. - BD99010EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99060F-C ROHM-BD99060F-C Datasheet
1Mb / 33P
   Input Voltage 5.0V to 35V Output Switch Current 2A 1ch Step-Down DC/DC Converter
More results

Similar Description - BD99010EFV-M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA063V2 STMICROELECTRONICS-STEVAL-ISA063V2 Datasheet
82Kb / 4P
   Power save mode at light load
December 2011 Rev 1
logo
ACE Technology Co., LTD...
ACE757P ACE-ACE757P Datasheet
221Kb / 3P
   1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
logo
Sanken electric
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
   Light Load High Efficiency
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
   Light Load High Efficiency
NR111D SANKEN-NR111D Datasheet
712Kb / 14P
   Light Load High Efficiency
logo
Altera Corporation
EP53A7LQI ALTERA-EP53A7LQI Datasheet
998Kb / 19P
   1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
EP53A7HQI ALTERA-EP53A7HQI Datasheet
998Kb / 19P
   1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
logo
Sanken electric
NR132D SANKEN-NR132D Datasheet
644Kb / 15P
   Ultra light load high efficiency
NR131A SANKEN-NR131A Datasheet
614Kb / 15P
   Ultra light load high efficiency
NR131S SANKEN-NR131S Datasheet
661Kb / 15P
   Ultra light load high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com