Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLR344F Datasheet(PDF) 1 Page - Rohm

Part # TLR344F
Description  Low Operating Supply Voltage
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TLR344F Datasheet(HTML) 1 Page - Rohm

  TLR344F Datasheet HTML 1Page - Rohm TLR344F Datasheet HTML 2Page - Rohm TLR344F Datasheet HTML 3Page - Rohm TLR344F Datasheet HTML 4Page - Rohm TLR344F Datasheet HTML 5Page - Rohm TLR344F Datasheet HTML 6Page - Rohm TLR344F Datasheet HTML 7Page - Rohm TLR344F Datasheet HTML 8Page - Rohm TLR344F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
www.rohm.com
TSZ02201-0RAR0G200720-1-2
©2014 ROHM Co., Ltd. All rights reserved.
1/35
19.Mar.2015 Rev.002
TSZ22111・14・001
Operational Amplifiers
Low Voltage Operation
Ground Sense Operational Amplifier
TLR342xxx
TLR344F
General Description
TLR342xxx series and TLR344F are dual and quad
CMOS operational amplifier with low supply voltage
operation and full swing output. It is suitable for
battery-operated equipment. The MOSFET input stage
provides low input bias current. It is capable to use for
sensor applications.
Features
Low Operating Supply Voltage
Output Full Swing / Input Ground Sense
High Large Signal Voltage Gain
Low Input Bias Current
Low Supply Current
Low Input Offset Voltage
Applications
Consumer Electronics
Buffer
Sensor Amplifier
Mobile Equipment
Battery-Operated Equipment
Key Specifications
Operating Supply Voltage (Single Supply):
+1.8V to +5.5V
Supply Current
TLR342xxx 150uA(Typ)
TLR344F 300uA(Typ)
Voltage Gain (RL=2kΩ):
105dB(Typ)
Temperature Range:
-40°C to +85°C
Input Offset Voltage:
4mV (Max)
Input Bias Current:
1pA (Typ)
Gain Bandwidth:
2.3MHz (Typ)
Slew Rate:
1V/µs (Typ)
Packages
W(Typ) x D(Typ) x H(Max)
SOP8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
SOP14
8.70mm x 6.20mm x 1.71mm
Pin Configuration
TLR342F
: SOP8
TLR342FJ
: SOP-J8
TLR342FVT : TSSOP-B8
TLR342FVJ : TSSOP-B8J
Pin No.
Pin Name
1
OUT1
2
-IN1
3
+IN1
4
VSS
5
+IN2
6
-IN2
7
OUT2
8
VDD
Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.
OUT2
VSS
VDD
OUT1
-IN1
+IN1
+IN2
-IN2
+
CH2
-
+
CH1
-
+
1
2
3
4
8
9
6
5
Datasheet


Similar Part No. - TLR344F

ManufacturerPart #DatasheetDescription
logo
Rohm
TLR344F ROHM-TLR344F Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
TLR344F-E2 ROHM-TLR344F-E2 Datasheet
4Mb / 55P
   Low Voltage Operation Ground Sense Operational Amplifier
TLR344F-E2 ROHM-TLR344F-E2 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
TLR344FJ ROHM-TLR344FJ Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
TLR344FJ-E2 ROHM-TLR344FJ-E2 Datasheet
4Mb / 55P
   Low Voltage Operation Ground Sense Operational Amplifier
More results

Similar Description - TLR344F

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTVE24EC FS-FTVE24EC Datasheet
246Kb / 4P
   Low operating voltage:
2022. 01. 20 Revision No : 0
logo
Maxim Integrated Produc...
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
logo
Infineon Technologies A...
TLE5009 INFINEON-TLE5009 Datasheet
1Mb / 32P
   3V to 5.5V operating supply voltage
Rev. 1.1, 2012-04
logo
Maxim Integrated Produc...
MAX20471EVKIT MAXIM-MAX20471EVKIT Datasheet
111Kb / 2P
   3.0V to 4.0V Operating Supply Voltage
MAX20014EVKIT MAXIM-MAX20014EVKIT Datasheet
106Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20414EVKIT MAXIM-MAX20414EVKIT Datasheet
107Kb / 1P
   3V to 5.5V Operating Supply Voltage
logo
M.S. Kennedy Corporatio...
MSK4367 MSK-MSK4367_15 Datasheet
406Kb / 10P
   38 Volt Maximum Operating Supply Voltage
logo
Maxim Integrated Produc...
MAX20019EVKIT MAXIM-MAX20019EVKIT Datasheet
107Kb / 1P
   3.5V to 16V Operating Supply Voltage
MAX20472EVKIT MAXIM-MAX20472EVKIT Datasheet
111Kb / 2P
   3.0V to 4.0V Operating Supply Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com