Electronic Components Datasheet Search |
|
TLR342F-E2 Datasheet(PDF) 8 Page - Rohm |
|
TLR342F-E2 Datasheet(HTML) 8 Page - Rohm |
8 / 38 page Datasheet www.rohm.com TSZ02201-0RAR0G200720-1-2 ©2014 ROHM Co., Ltd. All rights reserved. 8/35 19.Mar.2015 Rev.002 TSZ22111・15・001 TLR342xxx TLR344F Description of Electrical Characteristics Described below are descriptions of the relevant electrical terms used in this datasheet. Items and symbols used are also shown. Note that item name and symbol and their meaning may differ from those on another manufacturer’s document or general document. 1. Absolute maximum ratings Absolute maximum rating items indicate the condition which must not be exceeded. Application of voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics. (1) Supply Voltage (VDD/VSS) Indicates the maximum voltage that can be applied between the VDD pin and VSS pin without deterioration or destruction of characteristics of internal circuit. (2) Differential Input Voltage (VID) Indicates the maximum voltage that can be applied between non-inverting and inverting pins without damaging the IC. (3) Input Common-mode Voltage Range (VICM) Indicates the maximum voltage that can be applied to the non-inverting and inverting pins without deterioration or destruction of electrical characteristics. Input common-mode voltage range of the maximum ratings does not assure normal operation of IC. For normal operation, use the IC within the input common-mode voltage range characteristics. (4) Power Dissipation (Pd) Indicates the power that can be consumed by the IC when mounted on a specific board at the ambient temperature 25°C (normal temperature). As for package product, Pd is determined by the temperature that can be permitted by the IC in the package (maximum junction temperature) and the thermal resistance of the package. 2. Electrical characteristics (1) Input Offset Voltage (VIO) Indicates the voltage difference between non-inverting pin and inverting pins. It can be translated into the input voltage difference required for setting the output voltage at 0V. (2) Input Offset Voltage drift ( VIO/T) Denotes the ratio of the input offset voltage fluctuation to the ambient temperature fluctuation. (3) Input Offset Current (IIO) Indicates the difference of input bias current between the non-inverting and inverting pins. (4) Input Bias Current (IB) Indicates the current that flows into or out of the input pin. It is defined by the average of input bias currents at the non-inverting and inverting pins. (5) Supply Current (IDD) Indicates the current that flows within the IC under specified no-load conditions. (6) Maximum Output Voltage(High) / Maximum Output Voltage(Low) (VOH/VOL) Indicates the voltage range of the output under specified load condition. It is typically divided into maximum output voltage high and low. Maximum output voltage high indicates the upper limit of output voltage. Maximum output voltage low indicates the lower limit. (7) Large Signal Voltage Gain (AV) Indicates the amplifying rate (gain) of output voltage against the voltage difference between non-inverting pin and inverting pin. It is normally the amplifying rate (gain) with reference to DC voltage. AV = (Output Voltage) / (Differential Input Voltage) (8) Input Common-mode Voltage Range (VICM) Indicates the input voltage range where IC normally operates. (9) Common-mode Rejection Ratio (CMRR) Indicates the ratio of fluctuation of input offset voltage when the input common-mode voltage is changed. It is normally the fluctuation of DC. CMRR = (Change of Input Common-mode voltage)/(Input offset fluctuation) (10) Power Supply Rejection Ratio (PSRR) Indicates the ratio of fluctuation of input offset voltage when supply voltage is changed. It is normally the fluctuation of DC. PSRR = (Change of power supply voltage)/(Input offset fluctuation) (11) Output Source Current/ Output Sink Current (ISOURCE / ISINK) The maximum current that can be output from the IC under specific output conditions. The output source current indicates the current flowing out from the IC, and the output sink current indicates the current flowing into the IC. (12) Slew Rate (SR) Indicates the ratio of the change in output voltage with time when a step input signal is applied. (13) Unity Gain Frequency (fT) Indicates a frequency where the voltage gain of operational amplifier is 1. (14) Gain Bandwidth (GBW) The product of the open-loop voltage gain and the frequency at which the voltage gain decreases 6dB/octave. (15) Phase Margin (θM) Indicates the margin of phase from 180 degree phase lag at unity gain frequency. |
Similar Part No. - TLR342F-E2 |
|
Similar Description - TLR342F-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |