Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS870 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BS870
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BS870 Datasheet(HTML) 2 Page - Diodes Incorporated

  BS870_15 Datasheet HTML 1Page - Diodes Incorporated BS870_15 Datasheet HTML 2Page - Diodes Incorporated BS870_15 Datasheet HTML 3Page - Diodes Incorporated BS870_15 Datasheet HTML 4Page - Diodes Incorporated BS870_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BS870
Document number: DS11302 Rev. 18 - 2
2 of 5
www.diodes.com
August 2013
© Diodes Incorporated
BS870
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage RGS  1.0M
VDGR
60
V
Gate-Source Voltage
Continuous
VGSS
20
V
Drain Current (Note 6)
Continuous
ID
250
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
PD
300
mW
Thermal Resistance, Junction to Ambient
RJA
417
C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
80
V
VGS = 0V, ID = 100A
Zero Gate Voltage Drain Current
IDSS
0.5
µA
VDS = 25V, VGS = 0V
Gate-Body Leakage
IGSS
10
nA
VGS = 15V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1.0
2.0
3.0
V
VDS = VGS, ID = 250A
Static Drain-Source On-Resistance
RDS (ON)
3.5
5.0
VGS = 10V, ID = 0.2A
On-State Drain Current
ID(ON)
0.5
1.0
A
VGS = 10V, VDS = 7.5V
Forward Transconductance
gFS
80
mS
VDS =10V, ID = 0.2A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
22
50
pF
VDS = 10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
11
25
pF
Reverse Transfer Capacitance
Crss
2.0
5.0
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
2.0
20
ns
VES = 10V, RL = 150,
VDS = 10V, RD = 100
Turn-Off Delay Time
tD(OFF)
5.0
20
ns
Notes:
6. Device mounted on FR-4 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on
our website at http://www.diodes.com.
7. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - BS870_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870-7-F DIODES-BS870-7-F Datasheet
426Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. 11 - 2
BS870-7-F DIODES-BS870-7-F Datasheet
139Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. 14 - 2
BS870Q DIODES-BS870Q Datasheet
388Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
June 2018
BS870Q-7-F DIODES-BS870Q-7-F Datasheet
388Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
June 2018
BS870_ DIODES-BS870_ Datasheet
426Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. 11 - 2
More results

Similar Description - BS870_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com