Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QH8KA2 Datasheet(PDF) 4 Page - Rohm

Part # QH8KA2
Description  Small Surface Mount Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QH8KA2 Datasheet(HTML) 4 Page - Rohm

  QH8KA2 Datasheet HTML 1Page - Rohm QH8KA2 Datasheet HTML 2Page - Rohm QH8KA2 Datasheet HTML 3Page - Rohm QH8KA2 Datasheet HTML 4Page - Rohm QH8KA2 Datasheet HTML 5Page - Rohm QH8KA2 Datasheet HTML 6Page - Rohm QH8KA2 Datasheet HTML 7Page - Rohm QH8KA2 Datasheet HTML 8Page - Rohm QH8KA2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
QH8KA2
           
               
Datasheet
l
lElectrical characteristic curves
Fig.1 Power Dissipation Derating Curve
Fig.2 Maximum Safe Operating Area
Fig.3 Normalized Transient Thermal  
       Resistance vs. Pulse Width
Fig.4 Single Pulse Maximum Power     
    dissipation
                                                                                           
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
4/11
20140806 - Rev.002


Similar Part No. - QH8KA2

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8KA1 ROHM-QH8KA1 Datasheet
2Mb / 12P
   30V NchNch Power MOSFET
QH8KA3 ROHM-QH8KA3 Datasheet
2Mb / 15P
   Nch Nch 30V 9.0A Small Signal MOSFET
QH8KA4 ROHM-QH8KA4 Datasheet
1Mb / 14P
   30V NchNch Middle Power MOSFET
More results

Similar Description - QH8KA2

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8MA4 ROHM-QH8MA4 Datasheet
4Mb / 20P
   Small Surface Mount Package
RQ6E055BN ROHM-RQ6E055BN Datasheet
2Mb / 12P
   Small Surface Mount Package
QH8MA3 ROHM-QH8MA3 Datasheet
4Mb / 20P
   Small Surface Mount Package
RQ7E055AT ROHM-RQ7E055AT Datasheet
2Mb / 12P
   Small Surface Mount Package
SH8K41 ROHM-SH8K41 Datasheet
2Mb / 12P
   Small Surface Mount Package
logo
Diodes Incorporated
DMN33D8LT DIODES-DMN33D8LT Datasheet
256Kb / 5P
   Small Surface Mount Package
logo
Rohm
RQ6E030AT ROHM-RQ6E030AT Datasheet
2Mb / 12P
   Small Surface Mount Package
UT6J3 ROHM-UT6J3 Datasheet
2Mb / 12P
   Small Surface Mount Package
logo
ILSI America LLC
I616 ILSI-I616 Datasheet
49Kb / 2P
   Small Surface Mount Package
logo
Rohm
QS8J13 ROHM-QS8J13 Datasheet
2Mb / 12P
   Small Surface Mount Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com