Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPDM8002A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPDM8002A
Description  SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPDM8002A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPDM8002A_15 Datasheet HTML 1Page - Central Semiconductor Corp CMPDM8002A_15 Datasheet HTML 2Page - Central Semiconductor Corp CMPDM8002A_15 Datasheet HTML 3Page - Central Semiconductor Corp CMPDM8002A_15 Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CMPDM8002A
SURFACE MOUNT SILICON
P-CHANNEL
ENHANCEMENT-MODE
MOSFET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPDM8002A is a
P-Channel enhancement-mode MOSFET manufactured
by the P-Channel DMOS Process, designed for high
speed pulsed amplifier and driver applications.
MARKING CODE: C802A
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
50
V
Drain-Gate Voltage
VDG
50
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current
ID
280
mA
Continuous Source Current (Body Diode)
IS
280
mA
Maximum Pulsed Drain Current
IDM
1.5
A
Maximum Pulsed Source Current
ISM
1.5
A
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IGSSF, IGSSR VGS=20V, VDS=0
100
nA
IDSS
VDS=50V, VGS=0
1.0
μA
IDSS
VDS=50V, VGS=0, TJ=125°C
500
μA
ID(ON)
VGS=10V, VDS=10V
500
mA
BVDSS
VGS=0, ID=10μA
50
V
VGS(th)
VDS=VGS, ID=250μA
1.0
2.5
V
VDS(ON)
VGS=10V, ID=500mA
1.5
V
VDS(ON)
VGS=5.0V, ID=50mA
0.15
V
VSD
VGS=0, IS=115mA
1.3
V
rDS(ON)
VGS=10V, ID=500mA
2.5
Ω
rDS(ON)
VGS=10V, ID=500mA, TJ=125°C
4.0
Ω
rDS(ON)
VGS=5.0V, ID=50mA
3.0
Ω
rDS(ON)
VGS=5.0V, ID=50mA, TJ=125°C
5.0
Ω
gFS
VDS =10V, ID=200mA
200
mS
FEATURES:
• Low rDS(ON)
• Low VDS(ON)
• Low threshold voltage
• Fast switching
• Logic level compatibility
APPLICATIONS:
• Load/Power switches
• Power supply converter circuits
• Battery powered portable equipment
SOT-23 CASE
R2 (6-February 2015)
www.centr a lsemi.com


Similar Part No. - CMPDM8002A_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPDM8002A CENTRAL-CMPDM8002A Datasheet
329Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results

Similar Description - CMPDM8002A_15

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT2301 WEITRON-WT2301 Datasheet
157Kb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
WT9435M WEITRON-WT9435M Datasheet
427Kb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
WTU1333 WEITRON-WTU1333 Datasheet
3Mb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
WT3401 WEITRON-WT3401 Datasheet
170Kb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
WT4433AM WEITRON-WT4433AM Datasheet
387Kb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
WTK9435 WEITRON-WTK9435 Datasheet
1Mb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
logo
Central Semiconductor C...
CMPDM8120 CENTRAL-CMPDM8120_15 Datasheet
330Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE MOSFET
logo
Weitron Technology
WTC1333 WEITRON-WTC1333 Datasheet
2Mb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
WTK6679 WEITRON-WTK6679 Datasheet
1Mb / 5P
   Surface Mount P-Channel Enhancement Mode MOSFET
WTK9431 WEITRON-WTK9431 Datasheet
1Mb / 5P
   Surface Mount P-Channel Enhancement Mode MOSFET
WTK4435 WEITRON-WTK4435 Datasheet
1Mb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com