Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222054B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 222054B
Description  Typical 1dB bandwidth of 19.75 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

222054B Datasheet(HTML) 2 Page - Integrated Technology Future

  222054B Datasheet HTML 1Page - Integrated Technology Future 222054B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
62.5 MHz SAW Filter
Part Number 222054B
Tel: 82-32-621-1213
2010. 09. 14
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
3. Typical Performance ( at +25℃
℃ )
1dB Bandwidth & Ripple
3dB Bandwidth & Group Delay
40dB Bandwidth
Wide band Properties
Smith Chart(S11 & S22)
SWR(S11 & S22)
CH1 S11
SWR
10 /
REF 0
CENTER 62. 500 000 MHz
SPAN 80. 000 000 MHz
Cor
PRm
CH3 S22
SWR
10 /
REF 0
20 Jul 2010 10:03:49
1
1: 3. 4124
62. 500 000 MHz
2
2: 3. 4199
62. 500 000 MHz
CH1 S11
1 U FS
CENTER 62. 500 000 MHz
SPAN 80. 000 000 MHz
Cor
PRm
CH3 S22
1 U FS
20 Jul 2010 10:03:20
1
1: 50. 723
-65 . 812
38. 693 pF
62. 500 000 MHz
2
2: 15. 049
7. 9531
20. 252 nH
62. 500 000 MHz
CH1 S21
LOG
10 dB/
REF -13.9 dB
START . 010 000 MHz
STOP 400. 000 000 MHz
PRm
20 Jul 2010 10:04:30
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2:-42 . 430 dB
62. 5000 MHz
3:-31 . 437 dB
93. 5000 MHz
4:-40 . 754 dB
125. 000 MHz
CH1 S21
LOG
10 dB/
REF -13.9 dB
CENTER 62. 500 000 MHz
SPAN 80. 000 000 MHz
Cor
PRm
20 Jul 2010 10:02:05
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW
:
24. 946685 MHz
cent :
62. 948348 MHz
Q: 2. 5233
1_loss : -14 . 077 dB
CH2 S21
LOG
1 dB/
REF -13.9 dB
CENTER 62. 500 000 MHz
SPAN 25. 000 000 MHz
Cor
PRm
CH4 S21
DEL
50 ns/
REF 818 ns
Smo
20 Jul 2010 10:02:31
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW
:
20. 748935 MHz
cent :
62. 477299 MHz
Q: 3. 0111
1_loss : -14 . 069 dB
4
2
3
3:-16 . 704 ns
18. 640 000 MHz
REF=2
CH4 Markers
mean: 832. 46 ns
s. dev : 3. 9594 ns
p-p : 22. 614 ns
CH2 S21
LOG
1 dB/
REF -13.9 dB
CENTER 62. 500 000 MHz
SPAN 25. 000 000 MHz
Cor
PRm
CH4 S21
LOG
1 dB/
REF -13.9 dB
20 Jul 2010 10:02:51
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW
:
19. 776490 MHz
cent :
62. 384115 MHz
Q: 3. 1545
1_loss : -14 . 062 dB
4
2
3
3:- . 28440 dB
18. 640 000 MHz
REF=2
CH4 Markers
mean:-14 . 080 dB
s. dev : . 07160 dB
p-p : . 47500 dB


Similar Part No. - 222054B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
222051B ITF-222051B Datasheet
212Kb / 5P
   SAW Bandpass Filter
222052B ITF-222052B Datasheet
285Kb / 5P
   Bandpass Filter
222053B ITF-222053B Datasheet
192Kb / 5P
   Bandpass Filter
logo
AVX Corporation
22205C104J4Z2A AVX-22205C104J4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
logo
Kyocera Kinseki Corpota...
22205C104J4Z2A KSS-22205C104J4Z2A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
More results

Similar Description - 222054B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
211002B ITF-211002B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 9.8 MHz
231654B ITF-231654B Datasheet
170Kb / 2P
   Typical 1dB bandwidth of 15.85 MHz
233005B ITF-233005B Datasheet
165Kb / 2P
   Typical 1dB bandwidth of 30.0 MHz
233055B ITF-233055B Datasheet
168Kb / 2P
   Typical 1dB bandwidth of 29.5 MHz
250254B ITF-250254B Datasheet
190Kb / 2P
   Typical 1dB bandwidth of 2.5 MHz
252058B ITF-252058B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 19.6 MHz
251661B ITF-251661B Datasheet
172Kb / 2P
   Typical 1dB bandwidth of 16.2 MHz
251926B ITF-251926B Datasheet
156Kb / 2P
   Typical 1dB bandwidth of 19.4 MHz
250970B ITF-250970B Datasheet
174Kb / 2P
   Typical 1dB bandwidth of 9.4 MHz
251156B ITF-251156B Datasheet
178Kb / 2P
   Typical 1dB bandwidth of 10.85 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com