Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5011FNJ Datasheet(PDF) 8 Page - Rohm

Part # R5011FNJ
Description  Nch 500V 11A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R5011FNJ Datasheet(HTML) 8 Page - Rohm

Back Button R5011FNJ Datasheet HTML 4Page - Rohm R5011FNJ Datasheet HTML 5Page - Rohm R5011FNJ Datasheet HTML 6Page - Rohm R5011FNJ Datasheet HTML 7Page - Rohm R5011FNJ Datasheet HTML 8Page - Rohm R5011FNJ Datasheet HTML 9Page - Rohm R5011FNJ Datasheet HTML 10Page - Rohm R5011FNJ Datasheet HTML 11Page - Rohm R5011FNJ Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
R5011FNJ
           
               
Datasheet
l
lElectrical characteristic curves
Fig.11 Breakdown Voltage vs.        
 Junction Temperature
Fig.12 Typical Transfer Characteristics
Fig.13 Gate Threshold Voltage vs.
 Junction Temperature
Fig.14 Transconductance vs. Drain Current
                                                                                           
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
8/13
20140303 - Rev.001


Similar Part No. - R5011FNJ

ManufacturerPart #DatasheetDescription
logo
Rohm
R5011FNX ROHM-R5011FNX Datasheet
289Kb / 6P
   10V Drive Nch MOSFET
More results

Similar Description - R5011FNJ

ManufacturerPart #DatasheetDescription
logo
Rohm
R6511KND3 ROHM-R6511KND3 Datasheet
2Mb / 14P
   Nch 650V 11A Power MOSFET
R6011END3 ROHM-R6011END3 Datasheet
2Mb / 16P
   Nch 600V 11A Power MOSFET
R6011KND3 ROHM-R6011KND3 Datasheet
2Mb / 16P
   Nch 600V 11A Power MOSFET
R6011KNX ROHM-R6011KNX Datasheet
2Mb / 14P
   Nch 600V 11A Power MOSFET
R6011ENX ROHM-R6011ENX Datasheet
2Mb / 14P
   Nch 600V 11A Power MOSFET
R6011ENJ ROHM-R6011ENJ Datasheet
2Mb / 14P
   Nch 600V 11A Power MOSFET
R6011KNJ ROHM-R6011KNJ Datasheet
2Mb / 14P
   Nch 600V 11A Power MOSFET
R6511END3 ROHM-R6511END3 Datasheet
2Mb / 14P
   Nch 650V 11A Power MOSFET
logo
Unisonic Technologies
11N50 UTC-11N50_11 Datasheet
185Kb / 6P
   11A, 500V N-CHANNEL POWER MOSFET
logo
Rohm
RF4E110BN ROHM-RF4E110BN Datasheet
2Mb / 13P
   Nch 30V 11A Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com