Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130179-0280 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130179-0280
Description  Cable and Lower Hook, Tool Clip Type for JA, KA and LA Balancers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130179-0280 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130179-0280 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130179-0280
Status:
Active
Overview:
Aero-Motive® Replacement Parts and Accessories
Description:
Cable and Lower Hook, Tool Clip Type for JA, KA and LA Balancers, Length 2.13m
(7.0')
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Tool Supports
Series
130179
Cable Length
N/A
Duty
N/A
Overview
Aero-Motive® Replacement Parts and Accessories
Product Name
Aero-Motive®
Type
Cable Assembly, Replacement Part
UPC
78678884891
Woodhead
Yes
Physical
Cable Diameter
N/A
Cable Movement
N/A
Drum Lock
None
Mounting Style
N/A
Packaging Type
Carton
Travel Distance
N/A
Weight Range
N/A
Wire/Cable Type
StrandedGalvanized Steel Cable
Material Info
Old Part Number
CBALT7
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliance
Not Required
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130179Series
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130179-0280

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130179-0281 MOLEX11-130179-0281 Datasheet
30Kb / 1P
   Cable and Lower Hook, Tool Clip Type for JA, KA and LA Balancers
130179-0283 MOLEX11-130179-0283 Datasheet
23Kb / 1P
   Cable Guide Assembly for JA and KA Balancers
130179-0287 MOLEX11-130179-0287 Datasheet
23Kb / 1P
   Drum Lock Kit for EA Balancers
130179-0288 MOLEX11-130179-0288 Datasheet
23Kb / 1P
   Drum Lock Kit for JA, KA and EB Balancers
130179-0289 MOLEX11-130179-0289 Datasheet
23Kb / 1P
   Drum Lock Kit for LA Balancers
More results

Similar Description - 130179-0280

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301790280 MOLEX11-1301790280 Datasheet
28Kb / 1P
   Cable and Lower Hook, Tool Clip Type for JA, KA and LA Balancers
130179-0281 MOLEX11-130179-0281 Datasheet
30Kb / 1P
   Cable and Lower Hook, Tool Clip Type for JA, KA and LA Balancers
130179-4892 MOLEX11-130179-4892 Datasheet
23Kb / 1P
   Cable and Lower Hook, Tool Clamps & Clip Type for JA, KA and LA Balancers, Length
1301790281 MOLEX11-1301790281 Datasheet
30Kb / 1P
   Cable and Lower Hook, Tool Clip Type for JA, KA and LA Balancers, Length 2.74m
130179-4893 MOLEX11-130179-4893 Datasheet
23Kb / 1P
   Cable and Lower Hook, Tool Clamps & Clip Type for JA, KA and LA Balancers, Length
130179-0279 MOLEX11-130179-0279 Datasheet
23Kb / 1P
   Cable and Lower Hook, Bullard Type for JA, KA and LA Balancers
130179-0278 MOLEX11-130179-0278 Datasheet
23Kb / 1P
   Cable and Lower Hook, Bullard Type for JA, KA and LA Balancers
1301790278 MOLEX11-1301790278 Datasheet
43Kb / 1P
   Cable and Lower Hook, Bullard Type for JA, KA and LA Balancers, Length 2.13m
1301790279 MOLEX11-1301790279 Datasheet
43Kb / 1P
   Cable and Lower Hook, Bullard Type for JA, KA and LA Balancers, Length 2.74m
1301790276 MOLEX11-1301790276 Datasheet
43Kb / 1P
   Cable and Lower Hook, Tool Clip Type for EA Balancers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com