Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS120C Datasheet(PDF) 1 Page - Integrated Technology Future

Part # TCS120C
Description  Low thermal resistance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

TCS120C Datasheet(HTML) 1 Page - Integrated Technology Future

  TCS120C Datasheet HTML 1Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
102-901, Bucheon Technopark 364, Samjung-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809
For sales or technical support contact ITF at (+82)32-621-1213 or sales@itf.co.kr
TCS120C
Thermal Copper Sheet
Thermal Sheet
Thermal Sheet
Feature
Excellent
thermal
conductivity
(about
500W/m.K)
Low thermal resistance
ROHS compliant
Thickness 120um
Applications
Handheld
device
like
smart phone, tablet PC
and potable devices
Large
display
(LCD,
PDP, OLED Display)
Lighting systems (LED
light)
Power
device
and
systems
Layer Information
Thermal Conductive Adhesive (35um)
Release PET
Copper Layer(75um)
Corrosion Protection Layer(10um)
Product Description
TCS120C
is a pure copper sheet which has a high thermal
conductivity even though it is extremely thin which is with corrosion
protection layer and thermal conductive adhesive. It is available to
provide solutions to the thermal management and heat-sinking in
limited space or further heat-sinking. TCS120C is thin, light and
perfect workability making custom shape as customer wants.
Materials
■ Cu/Adhesive □ Pure Graphite □ Artificial Graphite
Characteristics
ITEM
Standard
Reference
Top Layer Color
Light Orange
-
Thickness
0.12±10%
(mm)
Adhesive Strength
Min 1500
(gf/25mm),ASTM D3330
500~800
(W/m.K), X-Y axis
Thermal
Conductivity
210±20
(W/m.K), Z-axis
Tensile Strength
0ver 80
ASTM D882
Elongation
0.8
(%), ASTMD882
Thermal Shock
O.K
100℃ 72Hrs
Heat Resistance
O.K
100℃ 72Hrs
10um
Corrosion Protection Layer
75um
Copper Layer
35um
Thermal Conductive Layer
Layer Information
75um
Release PET Liner


Similar Part No. - TCS120C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TCS1200 MICROSEMI-TCS1200 Datasheet
157Kb / 2P
   1200 Watts, 53 Volts Pulsed Avionics at 1030 MHz
TCS1200 MICROSEMI-TCS1200_09 Datasheet
105Kb / 4P
   1200 Watts, 53 Volts Pulsed Avionics at 1030 MHz
More results

Similar Description - TCS120C

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
   Low thermal resistance
Rev. B, 02-May-16
logo
STMicroelectronics
STTH8S12 STMICROELECTRONICS-STTH8S12 Datasheet
235Kb / 8P
   Low thermal resistance
September 2014 Rev 1
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
   Low thermal resistance
January 2014 Rev 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com