Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM63363S-VC Datasheet(PDF) 2 Page - Rohm

Part # BM63363S-VC
Description  600V IGBT Intelligent Power Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM63363S-VC Datasheet(HTML) 2 Page - Rohm

  BM63363S-VC Datasheet HTML 1Page - Rohm BM63363S-VC Datasheet HTML 2Page - Rohm BM63363S-VC Datasheet HTML 3Page - Rohm BM63363S-VC Datasheet HTML 4Page - Rohm BM63363S-VC Datasheet HTML 5Page - Rohm BM63363S-VC Datasheet HTML 6Page - Rohm BM63363S-VC Datasheet HTML 7Page - Rohm BM63363S-VC Datasheet HTML 8Page - Rohm BM63363S-VC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2/20
BM63363S-VA
BM63363S-VC
TSZ02201-0747AB500070-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
11.Nov.2014 Rev.002
www.rohm.com
TSZ22111・15・001
Pin Configuration
Pin Description
Pin No.
Pin Name
Function
Pin No.
Pin Name
Function
1
NC
No connection(GND potential)
14
FO
Alarm output
2
VBU
U phase floating control supply
15
CIN
Detecting of short circuit current
trip voltage
3
VBV
V phase floating control supply
16
GND
Ground
(Note 1)
4
VBW
W phase floating control supply
17
NC
No connection
(Note 2)
5
HINU
U phase high side IGBT control
18
NW
W phase low side IGBT emitter
6
HINV
V phase high side IGBT control
19
NV
V phase low side IGBT emitter
7
HINW
W phase high side IGBT control
20
NU
U phase low side IGBT emitter
8
HVCC
Control supply for HVIC
21
W
W phase output
9
GND
Ground
(Note 1)
22
V
V phase output
10
LINU
U phase low side IGBT control
23
U
U phase output
11
LINV
V phase low side IGBT control
24
P
Inverter supply
12
LINW
W phase low side IGBT control
25
NC
No connection
(Note 2)
13
LVCC
Control supply for LVIC
(Note 1) Two GND pins (9 & 16pin) are connected inside IPM, please connect one pin (16pin is recommended) to the 15V power supply GND outside and
leave the other open.
(Note 2) NC pins (17 & 25pin) are not electrically connected to any other potential inside.
Figure 2. Pin Configuration and Tc Detecting Point
18
25
19
20
21
22
23
24
NW
NV
NU
W
V
U
P
NC
NC
VBU
VBV
VBW
HINU
HINV
HINW
HVCC
GND
LINU
LINV
LINW
LVCC
FO
CIN
GND
NC
TOP VIEW
Tc detecting point
17
25
18
1
12.6mm
9.2mm


Similar Part No. - BM63363S-VC

ManufacturerPart #DatasheetDescription
logo
Rohm
BM63363S-VC ROHM-BM63363S-VC Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63363S-VC ROHM-BM63363S-VC Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM) for low speed switching drive
More results

Similar Description - BM63363S-VC

ManufacturerPart #DatasheetDescription
logo
Rohm
BM63764S-VA ROHM-BM63764S-VA Datasheet
978Kb / 23P
   600V IGBT Intelligent Power Module
BM63763S-VA ROHM-BM63763S-VA Datasheet
978Kb / 23P
   600V IGBT Intelligent Power Module
BM63364S-VA ROHM-BM63364S-VA Datasheet
721Kb / 23P
   600V IGBT Intelligent Power Module
BM63767S-VA ROHM-BM63767S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM64364S-VA ROHM-BM64364S-VA Datasheet
916Kb / 21P
   600V IGBT Intelligent Power Module (IPM)
24.Jun.2016 Rev.003
BM63763S-VA ROHM-BM63763S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63375S-VA ROHM-BM63375S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63374S-VA ROHM-BM63374S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63573S-VA ROHM-BM63573S-VA Datasheet
1Mb / 23P
   600V IGBT Intelligent Power Module (IPM)
BM63764S-VA ROHM-BM63764S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com