Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM63364S-VA Datasheet(PDF) 7 Page - Rohm

Part # BM63364S-VA
Description  600V IGBT Intelligent Power Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM63364S-VA Datasheet(HTML) 7 Page - Rohm

Back Button BM63364S-VA Datasheet HTML 3Page - Rohm BM63364S-VA Datasheet HTML 4Page - Rohm BM63364S-VA Datasheet HTML 5Page - Rohm BM63364S-VA Datasheet HTML 6Page - Rohm BM63364S-VA Datasheet HTML 7Page - Rohm BM63364S-VA Datasheet HTML 8Page - Rohm BM63364S-VA Datasheet HTML 9Page - Rohm BM63364S-VA Datasheet HTML 10Page - Rohm BM63364S-VA Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/20
BM63364S-VA
BM63364S-VC
TSZ02201-0747AB500060-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
11.Nov.2014 Rev.002
www.rohm.com
TSZ22111・15・001
Mechanical Characteristics And Ratings
Item
Limit
Unit
Following Standard
Conditions
Min
Typ
Max
Mounting Torque
0.59
0.69
0.78
N・m
-
Mounting Screw M3
(Note 1)
Recommended 0.69N・m
(Note 2)
Pin Pulling Strength
10
-
-
s
EIAJ-ED-4701/400
Load
Control Pin:4.9N
Power Pin:9.8N
Pin Bending Strength
2
-
-
times
EIAJ-ED-4701/400
Load
Control Pin: 2.45N
Power Pin:4.9N
90deg. Bend
Weight
-
10
-
g
-
Heat Sink Flatness
0
-
+200
µm
-
Measurement point
is provided in Figure 6.
(Note 1) Plain washers (ISO 7089 to 7094) are recommended.
(Note 2) When installing a module to a heat sink, excessive uneven fastening force might apply stress to inside chips or ceramic of heat sink plate, which will
lead to a broken or cracked or degraded device. An example of recommended fastening sequence is shown in Figure 5. The temporary fastening
torque is set to 20 to 30% of the maximum torque rating. Evenly apply thermally-conductive grease with 100µm to 200µm thickness over the contact
surface between the module and the heat sink. Also, pay attention not to have any dirt left on the contact surface between the module and the heat
sink.
Figure 6. Measurement Point of Heat Sink Flatness
Figure 5. Example of Recommended Fastening Sequence
(+)
(+)
TOP VIEW
2
1
Temporary fastening:1→2
Permanent fastening:1→2


Similar Part No. - BM63364S-VA

ManufacturerPart #DatasheetDescription
logo
Rohm
BM63364S-VA ROHM-BM63364S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63364S-VA ROHM-BM63364S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM) for low speed switching drive
BM63364S-VA ROHM-BM63364S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
More results

Similar Description - BM63364S-VA

ManufacturerPart #DatasheetDescription
logo
Rohm
BM63764S-VA ROHM-BM63764S-VA Datasheet
978Kb / 23P
   600V IGBT Intelligent Power Module
BM63763S-VA ROHM-BM63763S-VA Datasheet
978Kb / 23P
   600V IGBT Intelligent Power Module
BM63363S-VA ROHM-BM63363S-VA Datasheet
978Kb / 23P
   600V IGBT Intelligent Power Module
BM63767S-VA ROHM-BM63767S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM64364S-VA ROHM-BM64364S-VA Datasheet
916Kb / 21P
   600V IGBT Intelligent Power Module (IPM)
24.Jun.2016 Rev.003
BM63763S-VA ROHM-BM63763S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63375S-VA ROHM-BM63375S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63374S-VA ROHM-BM63374S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63573S-VA ROHM-BM63573S-VA Datasheet
1Mb / 23P
   600V IGBT Intelligent Power Module (IPM)
BM63764S-VA ROHM-BM63764S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com