Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM63763S-VA Datasheet(PDF) 8 Page - Rohm

Part # BM63763S-VA
Description  600V IGBT Intelligent Power Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM63763S-VA Datasheet(HTML) 8 Page - Rohm

Back Button BM63763S-VA Datasheet HTML 4Page - Rohm BM63763S-VA Datasheet HTML 5Page - Rohm BM63763S-VA Datasheet HTML 6Page - Rohm BM63763S-VA Datasheet HTML 7Page - Rohm BM63763S-VA Datasheet HTML 8Page - Rohm BM63763S-VA Datasheet HTML 9Page - Rohm BM63763S-VA Datasheet HTML 10Page - Rohm BM63763S-VA Datasheet HTML 11Page - Rohm BM63763S-VA Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8/20
BM63763S-VA
BM63763S-VC
TSZ02201-0747AB500050-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
11.Nov.2014 Rev.002
www.rohm.com
TSZ22111・15・001
Typical Performance Curve
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
IFO[mA]
Tj=25℃
VCC=15V
0
100
200
300
400
500
0
3
6
9
12
15
VF[V]
Tj=25℃
VCC=15V
0
25
50
75
100
125
150
175
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF[V]
Tj=25℃
VCC=15V
Figure 7. IF vs VF
Characteristic of Bootstrap Diode IF-VF Curve
Between HVCC-VBX pin (X=U,V,W)
Figure 8. Magnification of Figure 7
Figure 9. VFO vs IFO
(Characteristic of FO pin VFO-IFO Curve)


Similar Part No. - BM63763S-VA

ManufacturerPart #DatasheetDescription
logo
Rohm
BM63763S-VA ROHM-BM63763S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63763S-VA ROHM-BM63763S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM) for high speed switching drive
BM63763S-VA ROHM-BM63763S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
More results

Similar Description - BM63763S-VA

ManufacturerPart #DatasheetDescription
logo
Rohm
BM63764S-VA ROHM-BM63764S-VA Datasheet
978Kb / 23P
   600V IGBT Intelligent Power Module
BM63363S-VA ROHM-BM63363S-VA Datasheet
978Kb / 23P
   600V IGBT Intelligent Power Module
BM63364S-VA ROHM-BM63364S-VA Datasheet
721Kb / 23P
   600V IGBT Intelligent Power Module
BM63767S-VA ROHM-BM63767S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM64364S-VA ROHM-BM64364S-VA Datasheet
916Kb / 21P
   600V IGBT Intelligent Power Module (IPM)
24.Jun.2016 Rev.003
BM63763S-VA ROHM-BM63763S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63375S-VA ROHM-BM63375S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63374S-VA ROHM-BM63374S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63573S-VA ROHM-BM63573S-VA Datasheet
1Mb / 23P
   600V IGBT Intelligent Power Module (IPM)
BM63764S-VA ROHM-BM63764S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com